Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ2M-CPU15 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # CJ2M-CPU15
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU15 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button CJ2M-CPU15 Datasheet HTML 4Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU15 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CJ2M-CPU3
@/-CPU1@/-MD21@
8
*6. The EtherNet/IP port is built into CJ2M-CPU3@ only.
*7. "Packets per second" is the number of communications packets that can be processed per second.
*8. Unit version 2.0 of built-in EtherNet/IP section: 20 words.
*9. If the maximum number is exceeded, refreshing will require more than one CPU Unit cycle.
*10.When changing parameters, however, the EtherNet/IP port where the change is made will be restarted. In addition, a timeout will temporarily
occur at the other node that was communicating with that port, and it will then recover automatically.
*11.The EtherNet/IP port supports an IGMP client, so unnecessary multicast packets are filtered by using an Ethernet switch that supports IGMP
snooping.
Item
CJ2M-
CPU11/31
CPU12/32
CPU13/33
CPU14/34
CPU15/35
Commu-
nications
Peripheral (USB) Port
USB 2.0-compliant B-type connector
Baud Rate
12 Mbps max.
Transmission Distance
5 m max.
Serial Port
• CJ2M-CPU1@ interface: Conforms to EIA RS-232C.
• CJ2M-CPU3@: No serial ports with default system
One of the following Serial Option Boards can be mounted.
• CP1W-CIF01 RS-232C Option Board
• CP1W-CIF11 RS-422A/485 Option Board (not isolated, max. transmission distance: 50 m)
• CP1W-CIF12 RS-422A/485 Option Board (isolated, max. transmission distance: 500 m)
Communications Method
Half-duplex
Synchronization Method
Start-stop
Baud Rate
0.3, 0.6, 1.2, 2.4, 4.8, 9.6, 19.2, 38.4, 57.6, or 115.2 (kbps)
Transmission Distance
15 m max.
EtherNet/IP Port
*6
Media Access Method
CSMA/CD
Modulation
Baseband
Transmission Paths
Star
Baud Rate
100 Mbps (100Base-TX)
Transmission Media
Shielded twisted-pair (STP) cable; Categories: 5, 5e
Transmission Distance
100 m (between ethernet switch and node)
Number of Cascade Connections
No restrictions if ethernet switch is used.
CIP Communications: Tag Data Links
Number of Connections
32
Packet Interval (Refresh period)
1 to 10,000 ms (Unit: 0.5 ms)
Can be set for each connection. (Data will be refreshed at the set interval, regardless of the number
of nodes.)
Permissible Communications Band
3,000 packets per second
*7
Number of Registerable Tag
32
Type of Tags
CIO, DM, EM, HR, WR, and Network symboles
Number of Tags per Connection
8 (Seven tags if PLC status is included in the segment.)
Maximum Link Data Size per Node
(total size of all tags)
640 words
Maximum Data Size per Connection
640 words
*8
(Data is synchronized within each connection.)
Number of Registrable Tag Set
32 (1 connection = 1 segment)
Maximum Tag Set Size
640 words
*8
(One word is used when PLC status is included in the segment.)
Maximum Number of Tags
Refreshable in a Single Cycle of
CPU Unit
*9
Output/send (CPU Unit to EtherNet/IP): 32
Input/receive (EtherNet/IP to CPU Unit): 32
Data Size Refreshable in a Single
Cycle of CPU Unit
*9
Output/send (CPU to EtherNet/IP) : 640 words
Input/receive (EtherNet/IP to CPU): 640 words
Change of Tag Data Link Parameter
Settings during Operation
OK
*10
Multi-cast Packet Filter
*11
OK
CIP Communications: Explicit
Messages
Class 3 (Connection Type)
Number of connections: 128
UCMM (Non-connection Type)
Maximum number of clients that can communicate at the same time : 16
Maximum number of servers that can communicate at the same time: 16
CIP Routing
OK
(CIP routing is enabled for the following remote Units: CJ1W-EIP21, CJ2H-CPU6
@-EIP, CJ2M-
CPU3
@, and CS1W-EIP21.)
FINS Communications
FINS/UDP
OK
FINS/TCP
16 connections max.
EtherNet/IP Conformance Test
Conforms to A5.
EtherNet/IP Interface
10Base-T/100Base-TX
Auto Negotiation/Fixed Setting


Similar Part No. - CJ2M-CPU15

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ2M-CPU15 OMRON-CJ2M-CPU15 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ2M-CPU15 OMRON-CJ2M-CPU15 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
More results

Similar Description - CJ2M-CPU15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
ALPS ELECTRIC CO.,LTD.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com