Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2B-20Y4 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XW2B-20Y4
Description  Simplifies Connector and terminal block replacement, and requires less in-panel wiring.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2B-20Y4 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XW2B-20Y4 Datasheet HTML 1Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 2Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 3Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 4Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 5Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 6Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 7Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 8Page - Omron Electronics LLC XW2B-20Y4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
XW2B
4
Twin-connector Units with a Terminal Block with M3.5 Screws
Applicable Connectors
*1. Either the XG5M-
@@32-N or the XG5M-@@35-N may be used.
*2. Each Connector requires two Semi-covers.
Model
Applicable Connectors (order separately)
Flat Cable Connectors, MIL Sockets with
Strain Reliefs
Discrete-wire IDC Connectors, Double-row Sockets
Connectors *1
Semi-covers *2
XW2B-40G5-T
XG4M-2030-T
XG5M-2032-N
XG5M-2035-N
XG5S-1001
Flat Cable Connector (MIL Plug: XG4A-2031
× 2)
3.5
15.5
45
Two,
3.5 dia.
7
Terminal Block
7.3
8.5
7
29.5
3.5
DIN Track lock
2
20.5
43.8 (45.3)
202.5
Triangular mark
Triangular
mark
Flat Cable
Connector
(mating side)
Terminal Block
(terminal side)
40
22
20
21
19
4
2
3
1
21
22
19
20
1
2
3
4
37
38
39
40
38
39
37
XW2B-40G5-T
Wiring Diagram
Note: All pins on the Flat Cable Connector correspond 1-to-1 to the terminal of
the same number on the terminal block as shown above.


Similar Part No. - XW2B-20Y4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2B-20G4 OMRON-XW2B-20G4 Datasheet
380Kb / 13P
   Screw Terminal Block Cables
XW2B-20G4 OMRON-XW2B-20G4 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2B-20G5 OMRON-XW2B-20G5 Datasheet
380Kb / 13P
   Screw Terminal Block Cables
XW2B-20G5 OMRON-XW2B-20G5 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2B-20G5-D OMRON-XW2B-20G5-D Datasheet
380Kb / 13P
   Screw Terminal Block Cables
More results

Similar Description - XW2B-20Y4

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
GWLA.01 TAOGLAS-GWLA.01 Datasheet
2Mb / 23P
   Simplifies GPS and 2.4GHz Circuits
logo
PHOENIX CONTACT
2891027 PHOENIX-2891027 Datasheet
70Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891411 PHOENIX-2891411 Datasheet
73Kb / 7P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891020 PHOENIX-2891020 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891028 PHOENIX-2891028 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891110 PHOENIX-2891110 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891097 PHOENIX-2891097 Datasheet
71Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891029 PHOENIX-2891029 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891934 PHOENIX-2891934 Datasheet
71Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
logo
NHP Electrical Engineer...
1769-RTBN18 NHP-1769-RTBN18 Datasheet
533Kb / 1P
   COMPACTLOGIX I/O REPLACEMENT TERMINAL BLOCK 18PIN
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com