Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3164IRGCR Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # DAC3164IRGCR
Description  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DAC3164IRGCR Datasheet(HTML) 1 Page - Pan Jit International Inc.

  DAC3164IRGCR Datasheet HTML 1Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 2Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 3Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 4Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 5Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 6Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 7Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 8Page - Pan Jit International Inc. DAC3164IRGCR Datasheet HTML 9Page - Pan Jit International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
DAC3154
DAC3164
www.ti.com
SLAS960 – MAY 2013
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
Check for Samples: DAC3154 , DAC3164
1
FEATURES
APPLICATIONS
2
Dual Channel
Multi-Carrier, Multi-Mode Cellular
Infrastructure Base Stations
Resolution
Radar
DAC3154: 10-Bit
Signal Intelligence
DAC3164: 12-Bit
Software-Defined Radio
Maximum Sample Rate: 500 MSPS
Test and Measurement Instrumentation
Pin Compatible Family with DAC3174 and
DAC3151/DAC3161/DAC3171
DESCRIPTION
Input Interface:
The DAC3154/DAC3164 are dual channel 10-/12-bit,
12-/10-Bit Wide LVDS Inputs
pin-compatible family of 500 MSPS digital-to-analog
Internal FIFO
converters (DAC). The DAC3154/DAC3164 use a 10-
/12-bit wide LVDS digital bus with an input FIFO.
Chip to Chip Synchronization
FIFO input and output pointers can be synchronized
Power Dissipation: 460mW
across
multiple
devices
for
precise
signal
Spectral Performance at 20 MHz IF
synchronization.
The
DAC
outputs
are
current
sourcing and terminate to GND with a compliance
SNR: 62 dBFS for DAC3154, 72 dBFS for
range of –0.5 to 1V. DAC3154/ DAC3164 are pin
DAC3164
compatible with the dual-channel, 14-bit, 500 MSPS
SFDR: 76 dBc for DAC3154, 77 dBc for
digital-to-analog converters DAC3174, and the single-
DAC3164
channel, 14-/12-10-bit, digital-to-analog converters
Current Sourcing DACs
DAC3171/DAC3161/DAC3151.
Compliance Range: –0.5V to 1V
The devices are available in a QFN-64 PowerPAD™
Package: 64 Pin QFN (9x9mm)
package
is
specified
over
the
full
industrial
temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC3164IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3164IRGCR TI1-DAC3164IRGCR Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Similar Description - DAC3164IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com