Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2B-20G5-D Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XW2B-20G5-D
Description  Simplifies Connector and terminal block replacement, and requires less in-panel wiring.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2B-20G5-D Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XW2B-20G5-D Datasheet HTML 2Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 3Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 4Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 5Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 6Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 7Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 8Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 9Page - Omron Electronics LLC XW2B-20G5-D Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
XW2B
6
Multi-pole, Square-connector Plug Units with a Terminal Block with M3 Screws
Applicable Connectors
*1. All applicable Connector Hoods are made by Honda Tsushin Kogyo.
*2. Use MRP-F113 or MRP-F103 crimp terminals made by Honda Tsushin Kogyo.
Model
Applicable Connectors *1
Hood *1
XW2B-20Y4
MR-20F (soldered)
MRP-20F01 (crimped) *2
MR-20FW (wrapped)
MR-20L
XW2B-34Y4
MR-34F (soldered)
MRP-34F01 (crimped) *2
MR-34FW (wrapped)
MR-34L
XW2B-50Y4
MR-50F (soldered)
MRP-50F01 (crimped) *2
MR-50FW (wrapped)
MR-50L
Multi-contact,
Square Connector
(mating side)
Terminal Block
(terminal side)
50
4
2
3
1
18
16
19
17
34
33
2
19
35
3
1
49
48
17
32
50
18
16
48
49
47
Multi-contact Connector (Plug)
3.5
45
15.5
Two,
3.5 dia.
Terminal Block
A
3.5
29.5
DIN Track lock
2
20.5
38.1
5.08
XW2B-
@@Y4
Wiring Diagram (Example for Terminal
Block with 50 Poles)
Dimensions
*These Connectors are made by Honda Tsushin Kogyo.
Note: Terminal block pitch is 5.08 mm.
Use a wire size between 0.3 and 1.25 mm2 (AWG22 to AWG16).
The wire insertion holes are 1.8
× 2.5 (H × W) mm.
Model
No. of poles Dimension A (mm)
Applicable Connector
models *
XW2B-20Y4
20
67.5
MR-20RMD2
XW2B-34Y4
34
112.5
MR-34RMD2
XW2B-50Y4
50
157.5
MR-50RMD2
Note: All pins on the Multi-pole, Square Connector correspond 1-to-
1 to the terminal of the same number on the terminal block as
shown above.


Similar Part No. - XW2B-20G5-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2B-20G5-D OMRON-XW2B-20G5-D Datasheet
380Kb / 13P
   Screw Terminal Block Cables
More results

Similar Description - XW2B-20G5-D

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
GWLA.01 TAOGLAS-GWLA.01 Datasheet
2Mb / 23P
   Simplifies GPS and 2.4GHz Circuits
logo
PHOENIX CONTACT
2891027 PHOENIX-2891027 Datasheet
70Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891411 PHOENIX-2891411 Datasheet
73Kb / 7P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891020 PHOENIX-2891020 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891028 PHOENIX-2891028 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891110 PHOENIX-2891110 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891097 PHOENIX-2891097 Datasheet
71Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891029 PHOENIX-2891029 Datasheet
69Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
2891934 PHOENIX-2891934 Datasheet
71Kb / 4P
   Auto negotiation and autocrossing detection simplifies installation and setup
logo
NHP Electrical Engineer...
1769-RTBN18 NHP-1769-RTBN18 Datasheet
533Kb / 1P
   COMPACTLOGIX I/O REPLACEMENT TERMINAL BLOCK 18PIN
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com