Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2Z-100J-A2 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # XW2Z-100J-A2
Description  Simplify Wiring between Motor Controls and Omrons Position Control PLC Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-100J-A2 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button XW2Z-100J-A2 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 9Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 10Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 11Page - Omron Electronics LLC XW2Z-100J-A2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
WX2B
WX2B
9
J
XW2Z CONNECTING CABLES
Use the cables to connect the PLC Position Control Module to the XW2B Position Control Terminal Blocks.
For C200H-NC112 Use
XW2Z-jjjJ-A1
Wiring Diagram
XW2Z-jjjJ-A1
C200H-NC112
(PCB I/O connector
with 40 poles)
XW2B-20J6-1B
(XG4M--2630)
Connector
Position Control
Module side
Position Control
Terminal Block side
FCN-367J040-AU/F
(Fujitsu)
XG4M-2630-T
For C200HW-NC113 Use
XW2Z-jjjJ-A6
Wiring Diagram
XW2Z-jjjJ-A6
C200H-NC113
(PCB I/O connector
with 40 poles)
XW2B-20J6-1B
(XG4M-2630-T)
Connector
Position Control
Module side
Position Control
Terminal Block side
FCN-367J040-AU/F
(Fujitsu)
XG4M-2630-T
Crimp terminal


Similar Part No. - XW2Z-100J-A2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-100J-A20 OMRON-XW2Z-100J-A20 Datasheet
339Kb / 8P
   Cost-Effective Servo Capability with Stepper Simplicity
XW2Z-100J-A21 OMRON-XW2Z-100J-A21 Datasheet
339Kb / 8P
   Cost-Effective Servo Capability with Stepper Simplicity
XW2Z-100J-A26 OMRON-XW2Z-100J-A26 Datasheet
339Kb / 8P
   Cost-Effective Servo Capability with Stepper Simplicity
More results

Similar Description - XW2Z-100J-A2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM2D-0901 OMRON-XM2D-0901 Datasheet
1Mb / 22P
   PLC Cable and Wiring Guide
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
STMicroelectronics
L9909 STMICROELECTRONICS-L9909 Datasheet
72Kb / 9P
   DC MOTOR DRIVER WITH POSITION CONTROL
logo
List of Unclassifed Man...
EFAC230 ETC2-EFAC230 Datasheet
65Kb / 2P
   Current and Voltage Controls Frequency Monitoring Control
logo
Omron Electronics LLC
F39-TC5 OMRON-F39-TC5 Datasheet
338Kb / 8P
   Significantly reduces amount of wiring between Safety Light Curtains and Muting Sensors.
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
Mitsubishi Electric Sem...
PM200RSE060 MITSUBISHI-PM200RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
   General purpose inverter, servo drives and other motor controls
logo
List of Unclassifed Man...
SM170400 ETC2-SM170400 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com