Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3154 Datasheet(PDF) 13 Page - Pan Jit International Inc.

Part # DAC3154
Description  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DAC3154 Datasheet(HTML) 13 Page - Pan Jit International Inc.

Back Button DAC3154 Datasheet HTML 9Page - Pan Jit International Inc. DAC3154 Datasheet HTML 10Page - Pan Jit International Inc. DAC3154 Datasheet HTML 11Page - Pan Jit International Inc. DAC3154 Datasheet HTML 12Page - Pan Jit International Inc. DAC3154 Datasheet HTML 13Page - Pan Jit International Inc. DAC3154 Datasheet HTML 14Page - Pan Jit International Inc. DAC3154 Datasheet HTML 15Page - Pan Jit International Inc. DAC3154 Datasheet HTML 16Page - Pan Jit International Inc. DAC3154 Datasheet HTML 17Page - Pan Jit International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
DAC3154
DAC3164
www.ti.com
SLAS960 – MAY 2013
ELECTRICAL CHARACTERISTICS – DIGITAL SPECIFICATIONS (continued)
Typical values at T A = 25°C, full temperature range is T MIN = –40°C to T MAX = 85°C, DAC sample rate = 500MSPS, 50%
clock duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUT FS = 20mA (unless otherwise
noted).
DAC3154
DAC3164
PARAMETERS
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
LVDS INPUT TIMING: SINGLE BUS SINGLE CLOCK MODE
config3 Setting
datadly
clkdly
0
0
-20
-20
0
1
-120
-120
0
2
-220
-220
0
3
-310
-310
0
4
-390
-390
0
5
-480
-480
Setup
D[x..0] valid to DATACLK rising or
ts(DATA)
0
6
-560
-560
ps
time
falling edge
0
7
-630
-630
1
0
70
70
2
0
150
150
3
0
230
230
4
0
330
330
5
0
430
430
6
0
530
530
7
0
620
620
congfig3 Setting
datadly
clkdly
0
0
310
310
0
1
390
390
0
2
480
480
0
3
560
560
0
4
650
650
0
5
740
740
Hold
D[x..0] valid to DATACLK rising or
th(DATA)
0
6
850
850
ps
time
falling edge
0
7
930
930
1
0
200
200
2
0
100
100
3
0
20
20
4
0
-60
-60
5
0
-140
-140
6
0
-220
-220
7
0
-290
-290
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DAC3154 DAC3164


Similar Part No. - DAC3154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3154 TI1-DAC3154 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154IRGCR TI1-DAC3154IRGCR Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154IRGCT TI1-DAC3154IRGCT Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Similar Description - DAC3154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com