Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG4A-3031 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XG4A-3031
Description  Industry Standard Circuit Board Connectors Conform to MIL Standards
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4A-3031 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XG4A-3031 Datasheet HTML 1Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 2Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 3Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 4Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 5Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 6Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 7Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 8Page - Omron Electronics LLC XG4A-3031 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
42
Flat Cable Connectors
XG4
■ Materials and Finish
Note: For non-standard plating, contact your OMRON representative.
■ Applicable Wires
1.27-mm pitch, 7-strand flat cable
• UL2651(standard cable)
• UL20012 (folding cable)
• UL20028 (color-coded cable)
Mating Combinations for XG4, XG5 and XG8
Item
MIL Plugs: XG4A
Box-type Plugs: XG4C
Cable Plugs: XG4E
(Strain Relief: XG4S)
MIL Sockets: XG4M
(Strain Relief: XG4T)
Board-to-board
Connector: XG4H
Housings
Fiber-glass reinforced PBT resin (UL94V-0)/black
Covers
Polyamide resin (UL94V-0)/
black
Fiber-glass reinforced PBT
resin (UL94V-0)/black
Contacts
Mating end
Brass/nickel base, 0.15-
μm
gold plating (See note.)
Phosphor bronze/nickel base, 0.15-
μm gold plating (See note.)
Terminal Press fit
Brass/nickel base, tin plating Phosphor bronze/nickel base, tin plating
Strain Reliefs
Polyamide resin (UL94V-0)/
black
Fiber-glass reinforced PBT
resin (UL94V-0)/black
Sockets
XG4M-T
(XG4M Socket +
XG4T Strain Reliefs)
Sockets
XG4M
(Sockets without
Strain Relief)
Sockets
Plugs
XG4C
Box-type
Shrouded
Plugs
XG4C
Box-type
Shrouded
Plugs
Plugs
XG4C
Box-type
Plugs
Plugs
Mates
with
Mates
with
Mates
with
XG4A
2-tier Plugs
XG4A
MIL Plugs
with Long
Locks
XG4E
Cable Plugs with
Long Locks +
XG4S
Strain Reliefs
XG8W
Original Plugs
(Unshrouded)
XG4A
MIL Plugs with
Short Locks
XG4E
Cable Plugs with
Short Locks +
XG4S
Strain Reliefs
XG8W
Original Plugs
(Unshrouded)
XG4M-U
(XG4M Sockets +
XG4U Strain Relief with Locks)
XG5M
Sockets for
Discrete Wires
Note: See XG5 and XG8 Datasheets for
details regarding those connectors.


Similar Part No. - XG4A-3031

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-3031 OMRON-XG4A-3031 Datasheet
1Mb / 20P
   Flat Cable Connectors
More results

Similar Description - XG4A-3031

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XM7 OMRON-XM7 Datasheet
1Mb / 10P
   Small Interface Connectors That Conform to USB Standards
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
International Rectifier
OM1321 IRF-OM1321_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117HV
IRG4BC10UDPBF IRF-IRG4BC10UDPBF_15 Datasheet
323Kb / 11P
   INDUSTRY STANDARD TO-220AB PACKAGE
OM1324 IRF-OM1324_15 Datasheet
41Kb / 4P
   Similar To Industry Standard LM117A
OM1320 IRF-OM1320_15 Datasheet
42Kb / 4P
   Similar To Industry Standard LM117
OM1326 IRF-OM1326_15 Datasheet
43Kb / 4P
   Similar To Industry Standard LM117AHV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com