Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XW2Z-S002 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XW2Z-S002
Description  Combining the controller and HMI into a single unit contributes to downsizing and standardizing control panels, while eliminating inefficiency, waste, and inconsistency on production sites.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-S002 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XW2Z-S002 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-S002 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Ethernet Unit
NSJW-ETN21
•FINS communications
•FTP server
•E-mail
•SMTP clients, etc.
Ethernet 100BASE-TX
CS/CJ-series PLC
Controller Section
(Designated by
model number
suffix)
Note: For more detailed specifications, refer to page 20.
Display Section
5.7 Inches
Main Differences in Specifications
•I/O capacity: 640 •User memory: 20 Ksteps
•Expanded data memory: None
•I/O capacity: 1,280 •User memory: 60 Ksteps
•Expanded data memory: 32 Kwords x 3 banks
Color TFT
M3D
G5D
Controller Link Unit (NSJW-CLK21-V1)
High-speed, large-capacity data link
A Wide Selection of Scalable Display
Controllers
Product Line-up Select the optimal control and display combination.
NSJ Built-in Ethernet Port Easy access to both Display Section and Controller Section
Expansion Units
Support a wider range of applications.
Color High-
luminance TFT
8.4
Inches
10.4
Inches
12.1
Inches
Controller Link Unit
NSJW-CLK21-V1
5.7 Inches
8.4 Inches
10.4 Inches
12.1 Inches
Controller Link Unit
NSJW-CLK21-V1
Wired Controller Link
CS/CJ-series PLC
Note: Maximum of 3 Racks for models with model numbers with a suffix of -G5D, and 1 Rack for models with model numbers with a suffix of -M3D.
Note: For detailed information on functions related to the NSJ built-in Ethernet port and Ethernet Unit, refer to page 28.
I/O Interface Unit
CJ1W-II101
10 Units max.
CJ-series Basic I/O Unit
CJ-series Special I/O Unit
CJ-series CPU Bus Unit
I/O Control Unit
NSJW-IC101
3 Racks max. (3 x 10 Units max.)
I/O Connection Cable (CS1W-CN1
)
Power Supply
Unit
Easy Access from a Host Computer
Ethernet
Four screen sizes are available, from 5.7 to 12.1 inches. The 5.7- and 8.4-inch models can
be selected with different memory capacities and other functions to meet the needs of
various scales of control.
Models are also available with Ethernet as a
standard feature. This allows PLC data to be
read or written without adding an Ethernet Unit.
PLC data can also be read or written, and alarms
and recipes can be transferred, from a host
computer.
Note: It is also easy to allocate data from
another host device for reference.
Ethernet
PLC1
Display Section
Controller Section
Compact Ethernet
port
PLC2
Screen data and ladder programs can
be easily transferred via Ethernet.
PLC data can also be read by a host
application (using FINS
communications).
Easy Access to Other PLCs
PLC2 data can be easily displayed and
set from the NSJ (PLC1) display.
The PLC data link function can be used to provide a high-speed, large-capacity data link between
Controllers.
Ethernet Unit (NSJW-ETN21)
Full use of versatile Ethernet functions
The NSJ built-in Ethernet port increases expandability with host computers by enabling functions
such as communications implemented with CMND instructions and e-mail.
I/O Control Unit (NSJW-IC101)
Easy addition of Special I/O Units and CPU Bus Units
Used to mount Motion Control Units and other Special I/O Units or CPU Bus Units to the NSJ-series
Controller, for excellent expandability.
6
7


Similar Part No. - XW2Z-S002

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-S002 OMRON-XW2Z-S002 Datasheet
984Kb / 5P
   Programmable Terminals
More results

Similar Description - XW2Z-S002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ACBC-120 LITTELFUSE-ACBC-120 Datasheet
340Kb / 2P
   Alarm Controller and Battery Charger for pump control panels
2016 Rev: 1-A-062716
logo
ALPS ELECTRIC CO.,LTD.
RKJXM ALPS-RKJXM_15 Datasheet
820Kb / 4P
   Single and dual shaft structured device contributes to simple operation and space saving
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
   1.27 mm contact pitch contributes to downsizing of electrical devices.
logo
Marktech Corporate
TB6718AFG MARKTECH-TB6718AFG Datasheet
512Kb / 31P
   Controller and Driver for Full-color LED Modules and Panels
TB62718AFG MARKTECH-TB62718AFG Datasheet
512Kb / 31P
   Controller and Driver for Full-color LED Modules and Panels
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
logo
TE Connectivity Ltd
W33 TEC-W33 Datasheet
68Kb / 2P
   Combines on/off switch and circuit protection in a single unit.
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com