Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FDP7030L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FDP7030L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP7030L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP7030L Datasheet HTML 1Page - Fairchild Semiconductor FDP7030L Datasheet HTML 2Page - Fairchild Semiconductor FDP7030L Datasheet HTML 3Page - Fairchild Semiconductor FDP7030L Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 1998
FDP7030L / FDB7030L
N-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
Features
_________________________________________________________________________________
Absolute Maximum Ratings
T
C = 25°C unless otherwise noted
Symbol
Parameter
FDP7030L
FDB7030L
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage - Continuous
±20
V
I
D
Drain Current
- Continuous
(Note 1)
100
A
75
- Pulsed
(Note 1)
300
P
D
Total Power Dissipation @ T
C = 25°C
125
W
Derate above 25°C
0.83
W/°C
T
J,TSTG
Operating and Storage Temperature Range
-65 to 175
°C
T
L
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
275
°C
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance, Junction-to-Case
1.2
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
FDP7030L Rev.D
1
100 A, 30 V. R
DS(ON) = 0.007 @
V
GS=10 V
R
DS(ON) = 0.010 @
V
GS=5 V.
Critical DC electrical parameters specified at elevated
temperature.
Rugged internal source-drain diode can eliminate the need
for an external Zener diode transient suppressor.
High density cell design for extremely low R
DS(ON).
175°C maximum junction temperature rating.
These N-Channel logic level enhancement mode power field
effect transistors are produced using Fairchild's proprietary,
high cell density, DMOS technology. This very high density
process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage
applications such as DC/DC converters and high efficiency
switching circuits where fast switching, low in-line power
loss, and resistance to transients are needed.
S
D
G
© 1998 Fairchild Semiconductor Corporation


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn