Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FDP7030L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FDP7030L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDP7030L Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FDP7030L Rev.D
1
Typical Electrical Characteristics (continued)
0
20
40
60
80
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 50A
D
V
= 6.0V
DS
24V
12V
1
2
5
10
20
30
200
500
1000
2000
3000
5000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
f = 1 MHz
V
= 0V
GS
Coss
Ciss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
0.1
0.5
1
5
10
30
50
1
2
5
10
20
50
100
300
500
V
, DRAIN-SOURCE VOLTAGE (V))
DS
100µs
1ms
10ms
100ms
DC
R
Limit
DS(ON)
10µs
V
= 10V
SINGLE PULSE
R
= 1.2 C/W
T
= 25 °C
GS
C
θJC
o
Figure 9. Maximum Safe Operating Area.
0.01
0.1
1
10
100
1000
0
2000
4000
6000
8000
SINGLE PULSE TIME (ms)
SINGLE PULSE
R
=1.2° C/W
T = 25°C
θJC
C
Figure 10. Single Pulse Maximum Power
Dissipation.
0.01
0.05
0.1
0.5
1
5
10
50
100
500
1000
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
t ,TIME (ms)
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 1.2 °C/W
θJC
θJC
θJC
T - T
= P * R
(t)
θJC
C
J
P(pk)
t1
t 2
1
Figure 11. Transient Thermal Response Curve.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn