Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FDP7030L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FDP7030L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP7030L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP7030L Datasheet HTML 1Page - Fairchild Semiconductor FDP7030L Datasheet HTML 2Page - Fairchild Semiconductor FDP7030L Datasheet HTML 3Page - Fairchild Semiconductor FDP7030L Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDP7030L Rev.D
1
Typical Electrical Characteristics
0
0.5
1
1.5
2
2.5
0
20
40
60
80
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
8.0
4.0
4.5
5.0
3.5
6.0
V
= 10V
GS
3.0
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I = 50A
D
1
1.5
2
2.5
3
3.5
4
4.5
5
0
10
20
30
40
50
60
V
, GATE TO SOURCE VOLTAGE (V)
25
125°C
V
= 10V
DS
GS
T = -55°C
A
Figure 5. Transfer Characteristics
.
0
20
40
60
80
100
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
D
4.5
5.0
10.0
4.0
6.0
8.0
V
=3.5V
GS
Figure 1. On-Region Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
60
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
A
25°C
-55°C
V
=0V
GS
SD
2
4
6
8
10
0
0.005
0.01
0.015
0.02
0.025
V
, GATE TO SOURCE VOLTAGE (V)
GS
125°C
25°C
I =50A
D
Figure 3. On-Resistance Variation
with Temperature
.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
Figure 2. On-Resistance Variation with
Drain Current and Gate
Voltage.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn