Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMCJ Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 5.0SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

5.0SMCJ Datasheet(HTML) 1 Page - Pan Jit International Inc.

  5.0SMCJ Datasheet HTML 1Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 2Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 3Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 4Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 5Page - Pan Jit International Inc. 5.0SMCJ Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
June 7,2013-REV.00
5.0SMCJ SERIES
FEATURES
• For surface mounted applications in order to optimize board space.
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: JEDEC DO-214AB,Molded plastic over passivated junction.
• Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Standard Packaging: 16mm tape (EIA-481)
• Weight: 0.0082 ounce, 0.232 gram
MAXIMUM RATINGSAND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
NOTES:
1.Non-repetitive current pulse.
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
3.A transient suppressor is selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC
or continuous peak operating voltage level.
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
STAND-OFF VOLTAGE
58 to 100 Volts
1
2
Cathode
Anode
Rating
Symbol
Value
Units
Peak Power Dissipation (10/1000s waveform) (Notes 1)
P
PP
5000
Watts
Peak Pulse Current on 10/1000s waveform (Notes 1)
I
PPM
See table
Amps
Typical Thermal Resistance Junction to Air (Notes 2)
R
JA
110
O
C / W
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JECED Method)
I
FSM
300
Amps
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
0.280(7.11)
0.260(6.60)
0.050(1.27)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.008(0.203)
0.002(0.051)
0.012(0.305)
0.006(0.152)


Similar Part No. - 5.0SMCJ

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
5.0SMCJ YEASHIN-5.0SMCJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Rectron Semiconductor
5.0SMCJ RECTRON-5.0SMCJ Datasheet
521Kb / 6P
   Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
logo
FutureWafer Tech Co.,Lt...
5.0SMCJ FUTUREWAFER-5.0SMCJ Datasheet
1Mb / 12P
   5000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Yea Shin Technology Co....
5.0SMCJ100 YEASHIN-5.0SMCJ100 Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressors
5.0SMCJ100A YEASHIN-5.0SMCJ100A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - 5.0SMCJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
1.5SMCJ_SERIES PANJIT-1.5SMCJ_SERIES_14 Datasheet
221Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
5KP_SERIES PANJIT-5KP_SERIES_14 Datasheet
142Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com