Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRH031M Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # TRH031M
Description  13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TRH031M Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button TRH031M Datasheet HTML 45Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 46Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 47Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 48Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 49Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 50Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 51Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 52Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
TRH031M
Datasheet
www.3ALogics.com | Confidential
49
Chapter8 Interrupt
8.1 Introduction
TRH031M supports various types of interrupt. Using interrupt benefits for microprocessor to
control TRH031M. First, processing speed enhancement can be expected and second, efficiency in
microprocessor calculation. If microprocessor controls more than 2 devices, benefits of interrupt
enhance. TRH031M supports total of 6 interrupts and user can select choose to use any interrupt.
8.2 Interrupt Use Method
Table 8-1 IEN register
Name
Address Reset
Value
IEN
0x06
0x00
7-bit
6-bit
5-bit
4-bit
3-bit
2-bit
1-bit
0-bit
SetIEn
0
TimerIEn
TxIEn
RxIEn IdleIEn HiAlertIEn LoAlertIEn
Number
Name
Description
7
SetIEn
0: Clear Bit. From 0~6, set marked bit as 0.
1: Set Bit. 0~6 set marked bit as 1.
5
TimerIEn
0: Not transfer TimerIRq interrupt signal to IRQ pin
1: Transfer TimerIRq interrupt signal to IRQ pin.
4
TxIEn
0: Not transfer TxIRq interrupt signal to IRQ pin.
1: Transfer TxIRq interrupt signal to IRQ pin.
3
RxIEn
0: Not transfer RxIRq interrupt signal to IRQ pin.
1: Transfer RxIRq interrupt signal to IRQ pin.
2
IdleIEn
0: Not transfer IdleIRq interrupt signal to IRQ pin.
1: Transfer IdleIRq interrupt signal to IRQ pin.
1
HiAlertIEn
0: Not transfer HiAlertIRq signal to IRQ pin.
1: Transfer HiAlertIRq signal to IRQ pin.
0
LoAlertIEn
0: Not transfer LoAlertIRq interrupt signal to IRQ pin.
1: Transfer LoAlertIRq interrupt signal to IRQ pin.


Similar Part No. - TRH031M

ManufacturerPart #DatasheetDescription
logo
RFE international
TRH0703-100Y RFE-TRH0703-100Y Datasheet
261Kb / 1P
   THRU-HOLE INDUCTORS TSR & TRH Series: Filters
TRH0703-400Y RFE-TRH0703-400Y Datasheet
261Kb / 1P
   THRU-HOLE INDUCTORS TSR & TRH Series: Filters
TRH0703-600Y RFE-TRH0703-600Y Datasheet
261Kb / 1P
   THRU-HOLE INDUCTORS TSR & TRH Series: Filters
More results

Similar Description - TRH031M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A92A0 AMICC-A92A0 Datasheet
118Kb / 3P
   13.56MHz Industrial RFID Reader
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
   13.56MHz RFID Reader Module
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
   Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
   13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
   13.56MHz RFID Antenna
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
   Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
   13.56MHz RFID Transponder
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
   13.56MHz RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com