Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0279-0-15-01-4727100 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part No. 0279-0-15-01-4727100
Description  PIN RECEPTACLES for .025” - .037” diameter pins and .025” square pins
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MILL-MAX [Mill-Max Mfg. Corp.]
Homepage  http://www.mill-max.com
Logo 

0279-0-15-01-4727100 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
PIN RECEPTACLES
for .025” - .037” diameter pins
and .025” square pins
www.mill-max.com
 516-922-6000
148
SPECIFICATIONS
SHELL MATERIAL:
Brass Alloy 360, 1/2 Hard
CONTACT MATERIAL:
Beryllium Copper Alloy 172, HT
DIMENSION IN INCHES
TOLERANCES ON:
LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
0305-X-15-XX-47-XX-10-0
Solder mount in .059/.061 mounting hole
Also available on 8mm or 24mm wide
carrier tape: See chart for Details.
Order as: 0305-X-57-XX-47-XX-10-0
0305
X300-X-15-XX-47-XX-10-0
Solder mount in .042 min.
mounting hole
0300/8300
0399-X-15-XX-47-XX-04-0
Press-fit in .062 mounting hole
0399
0279-0-15-XX-47-XX-10-0
Hex press-fit in .062
plated thru hole
0279
0301-1-15-XX-47-XX-10-0
Solder mount in .042 min.
mounting hole
0301
1304-0-15-XX-47-XX-04-0
Press-fit in .061 mounting hole
1304
0330-0-15-XX-47-XX-10-0
Hex press-fit in .079
plated thru hole
0330
0309-2-15-XX-47-XX-10-0
Solder mount in .042 min.
mounting hole
0309
Basic Part
Number
Length
L
Dia.
D
0305-0
0305-1
0305-2
.095
.105
.155
.056
.058
.058
Basic Part
Number
Length
A
0300-1
0300-2
8300-0
.110
.187
.140
Basic Part
Number
Length
A
0399-0
0399-1
.230
.180
ORDER CODE: XXXX - X - 15 - XX - 47 - XX - XX - 0
BASIC PART #
SPECIFY SHELL FINISH:
SPECIFY CONTACT FINISH:
01 200
μ” TIN/LEAD OVER NICKEL
01 200
μ” TIN/LEAD OVER NICKEL
 80 200μ” TIN OVER NICKEL (RoHS)
 80 200μ” TIN OVER NICKEL (RoHS)
 15 10μ” GOLD OVER NICKEL (RoHS)
 27 30μ” GOLD OVER NICKEL (RoHS)
CONTACT
#47 CONTACT (DATA ON PAGE 222)
RoHS
2002/95/EC
Basic Part
Number
Tape
Width
Parts per
13” Reel
0305-0
0305-1
0305-2
8mm
8mm
24mm
6,000
6,000
1,500
T&R Packaging
.070 DIA.
.070 DIA.
.064 DIA.
.064 DIA.
.059 DIA.
.059 DIA.
.450
.450
.200
.200
.200
.200
.089
.089
.030
.030
.110
.110
.031
.031
HOLE
HOLE
.045 DIA.
.045 DIA.
1134-0-18-15-47-27-10-0
Press-fit in .061 mounting hole
1134


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn