Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP6030L Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP6030L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP6030L Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP6030L Datasheet HTML 1Page - Fairchild Semiconductor FDP6030L Datasheet HTML 2Page - Fairchild Semiconductor FDP6030L Datasheet HTML 3Page - Fairchild Semiconductor FDP6030L Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics T
C = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DRAIN-SOURCE AVALANCHE RATINGS (Note 1)
W
DSS
Single Pulse Drain-Source Avalanche Energy
V
DD = 15 V, ID = 21 A
150
mJ
I
AR
Maximum Drain-Source Avalanche Current
21
A
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
37
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 1)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.6
3
V
V
GS(th)/TJ
Gate Threshold Voltage Temp.Coefficient
I
D = 250 µA, Referenced to 25
oC
-4
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 26 A
0.0095
0.0135
T
J = 125°C
0.014
0.023
V
GS = 4.5 V, ID = 21 A
0.015
0.02
I
D(on)
On-State Drain Current
V
GS = 10 V, VDS = 10 V
60
A
I
D(on)
On-State Drain Current
V
GS = 4.5 V, VDS = 10 V
15
A
g
FS
Forward Transconductance
V
DS = 10 V, ID = 26 A
37
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 15 V, VGS = 0 V,
f = 1.0 MHz
1230
pF
C
oss
Output Capacitance
640
pF
C
rss
Reverse Transfer Capacitance
175
pF
SWITCHING CHARACTERISTICS (Note 1)
t
D(on)
Turn - On Delay Time
V
DD = 15 V, ID = 52 A
7.6
15
nS
t
r
Turn - On Rise Time
V
GS = 10 V, RGEN = 24
150
210
nS
t
D(off)
Turn - Off Delay Time
29
46
nS
t
f
Turn - Off Fall Time
17
27
nS
Q
g
Total Gate Charge
V
DS= 12 V
I
D = 26 A, VGS = 10 V
34
46
nC
Q
gs
Gate-Source Charge
6
nC
Q
gd
Gate-Drain Charge
8
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
I
S
Maximum Continuos Drain-Source Diode Forward Current
52
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 26 A (Note 1)
0.91
1.3
V
T
J = 125°C
0.8
1.2
Note
1. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0%.
FDP6030L Rev.C
1


Similar Part No. - FDP6030L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP6030L ISC-FDP6030L Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP6030L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com