Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB70NA60UF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GB70NA60UF
Description  High Side Chopper IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GB70NA60UF Datasheet(HTML) 6 Page - Vishay Siliconix

  GB70NA60UF_13 Datasheet HTML 1Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 2Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 3Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 4Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 5Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 6Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 7Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 8Page - Vishay Siliconix GB70NA60UF_13 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-GB70NA60UF
www.vishay.com
Vishay Semiconductors
Revision: 01-Feb-12
6
Document Number: 93103
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 15 - Maximum Thermal Impedance ZthJC Characteristics (DIODE)
Fig. 16 - Clamped Inductive Load Test Circuit
Fig. 17 - Pulsed Collector Current Test Circuit
Fig. 18 - Switching Loss Test Circuit
0.001
0.1
0.01
1
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
100
10
1
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
DC
* Driver same type as D.U.T.; V
C = 80 % of Vce(max)
* Note: Due to the 50 V power supply, pulse width and inductor
will increase to obtain Id
50 V
1000 V
D.U.T.
L
V
C *
2
1
R
g
V
CC
D.U.T.
R =
V
CC
ICM
+
-
L
Diode clamp/
D.U.T.
D.U.T./
driver
- 5 V
+
-
R
g
V
CC
+
-


Similar Part No. - GB70NA60UF_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GB70NA60UF VISHAY-GB70NA60UF Datasheet
175Kb / 10P
   "High Side Chopper" IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 22-Jul-10
More results

Similar Description - GB70NA60UF_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GB70NA60UF VISHAY-GB70NA60UF Datasheet
175Kb / 10P
   "High Side Chopper" IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 22-Jul-10
GB70LA60UF VISHAY-GB70LA60UF_13 Datasheet
152Kb / 9P
   Low Side Chopper IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 01-Feb-12
GB70LA60UF VISHAY-GB70LA60UF Datasheet
174Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 22-Jul-10
VS-GT75NA60UF VISHAY-VS-GT75NA60UF Datasheet
200Kb / 9P
   “High Side Chopper” IGBT SOT-227, 70 A
01-Jan-2022
VS-GT75NA60UF VISHAY-VS-GT75NA60UF_V01 Datasheet
200Kb / 9P
   “High Side Chopper” IGBT SOT-227, 70 A
01-Jan-2023
VS-GT75LA60UF VISHAY-VS-GT75LA60UF Datasheet
204Kb / 9P
   “Low Side Chopper” IGBT SOT-227, 70 A
01-Jan-2022
VS-GT75LA60UF VISHAY-VS-GT75LA60UF_V01 Datasheet
205Kb / 9P
   “Low Side Chopper” IGBT SOT-227, 70 A
01-Jan-2023
GT100NA120UX VISHAY-GT100NA120UX Datasheet
177Kb / 10P
   "High Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A
Revision: 22-Jul-10
GB50NA120UX VISHAY-GB50NA120UX Datasheet
177Kb / 10P
   "High Side Chopper" IGBT SOT-227 (Ultrafast IGBT), 50 A
Revision: 22-Jul-10
VS-GT105NA120UX VISHAY-VS-GT105NA120UX Datasheet
189Kb / 9P
   High Side Chopper IGBT SOT-227 (Trench IGBT), 100 A
Revision: 03-Nov-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com