Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206A0R75FWTR Datasheet(PDF) 8 Page - AVX Corporation

Part # F1206A0R75FWTR
Description  SMD Thin-Film Fuse
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R75FWTR Datasheet(HTML) 8 Page - AVX Corporation

Back Button F1206A0R75FWTR Datasheet HTML 4Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 5Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 6Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 7Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 8Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 9Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 10Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 11Page - AVX Corporation F1206A0R75FWTR Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
30
Accu-Guard®
SMD Thin-Film Fuse
Note: AVX reserves the right to change the information published herein without notice.
PACKAGING
Automatic Insertion Packaging
Tape & Reel: All tape and reel specifications are in compliance with EIA 481-1
— 8mm carrier
— Reeled quantities: Reels of 3,000 or 10,000 pieces
(for F0402: 5,000 or 20,000 pieces)
A(1)
B*
C
D*
E
F
G
180 + 1.0
1.5 min.
13 ± 0.2
20.2 min.
50 min.
9.4 ± 1.5
14.4 max.
(7.087 + 0.039)
(0.059 min.)
(0.512 ± 0.008)
(0.795 min.)
(1.969 min.)
(0.370 ± 0.050)
(0.567 max.)
Metric dimensions will govern.
Inch measurements rounded for reference only.
(1) 330mm (13 inch) reels are available.
REEL DIMENSIONS: millimeters (inches)
AB
C
D
E
F
8.0 ± 0.3
3.5 ± 0.05
1.75 ± 0.1
2.0 ± 0.05
4.0 ± 0.1
1.5
(0.315 ± 0.012)
(0.138 ± 0.002)
(0.069 ± 0.004)
(0.079 ± 0.002)
(0.157 ± 0.004)
(0.059
)
Note: The nominal dimensions of the component compartment (W,L) are derived from the component size.
CARRIER DIMENSIONS: millimeters (inches)
FULL RADIUS
D*
B*
C
E
F
G MAX.
A
DRIVE SPOKES OPTIONAL
IF USED, ASTERISKED
DIMENSIONS APPLY.
*
A
E
P
D
F
W
L
C
B
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE ±0.2
CENTER LINES
OF CAVITY
TOP
TAPE
DIRECTION OF FEED
P = 4mm except 0402 where P = 2mm
+0.1
-0.0
+0.004
-0.000


Similar Part No. - F1206A0R75FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R75FWTR AVX-F1206A0R75FWTR Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
More results

Similar Description - F1206A0R75FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com