Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12 Datasheet(PDF) 5 Page - AVX Corporation

Part # NC12
Description  NTC SMD Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NC12 Datasheet(HTML) 5 Page - AVX Corporation

  NC12 Datasheet HTML 1Page - AVX Corporation NC12 Datasheet HTML 2Page - AVX Corporation NC12 Datasheet HTML 3Page - AVX Corporation NC12 Datasheet HTML 4Page - AVX Corporation NC12 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STORAGE
Good solderability is maintained for at least twelve months,
provided the components are stored in their “as received”
packaging at less than 40°C and 70% RH.
SOLDERABILITY / LEACHING
Terminations to be well soldered after immersion in a 60/40
tin/lead solder bath at 235 ± 5°C for 2 ± 1 seconds.
Terminations will resist leaching for at least the immersion
times and conditions recommendations shown below.
NB products are compatible with a wide range of soldering
conditions consistent with good manufacturing practice for
surface mount components. This includes Pb free reflow
processes
with
peak
temperatures
up
to
270ºC.
Recommended profiles for reflow and wave soldering are
shown below for reference.
NC products are recommended for lead soldering application
or gluing techniques.
Surface Mounting Guide
Chip Thermistor – Application Notes
REFLOW SOLDERING
WAVE SOLDERING
18
P/N
Termination
Solder
Solder
Immersion
Type
Tin/Lead
Temp ºC
Time Seconds
NC
AgPdPt
60/40
260 ± 5
15 max
NB
Nickel Barrier
60/40
260 ± 5
30 ± 1
Case
P/N
D1
D2
D3
D4
D5
Size
0402
NB23
1.70
0.60
0.50
0.60
0.50
(.067)
(.024)
(.020)
(.024)
(.020)
0603
NB21
2.30
0.80
0.70
0.80
0.75
(.091)
(.031)
(.028)
(0.31)
(.030)
0805
NB12
3.00
1.00
1.00
1.00
1.25
(.118)
(.039)
(.039)
(.039)
(.049)
1206
NB20
4.00
1.00
2.00
1.00
2.50
(.157)
(.039)
(.079)
(.039)
(.098)
Case
P/N
D1
D2
D3
D4
D5
Size
0603
NB21
3.10
1.20
0.70
1.20
0.75
(.122)
(.047)
(.028)
(.047)
(.030)
0805
NB12
4.00
1.50
1.00
1.50
1.25
(.157)
(.059)
(.039)
(.059)
(.049)
1206
NB20
5.00
1.50
2.00
1.50
1.60
(.197)
(.059)
(.079)
(.059)
(.063)
Reflow
300
250
200
150
100
50
0
10 sec. max
1min
1min
(Minimize soldering time)
Natural
Cooling
220ºC
to
250ºC
Preheat
a) The visual standards used for evaluation of solder joints
will need to be modified as lead free joints are not as bright
as with tin-lead pastes and the fillet may not be as large.
b) Resin color may darken slightly due to the increase in
temperature required for the new pastes.
c) Lead-free solder pastes do not allow the same self align-
ment as lead containing systems. Standard mounting
pads are acceptable, but machine set up may need to be
modified.
300
250
200
150
100
50
0
0
50
100
150
200
250
300
• Pre-heating: 150°C ±15°C / 60-90s
• Max. Peak Gradient: 2.5°C/s
• Peak Temperature: 245°C ±5°C
• Time at >230°C: 40s Max.
Time (s)
Wave
300
250
200
150
100
50
0
3 sec. max
1 to 2 min
(Preheat chips before soldering)
T/maximum 150°C
Preheat
Natural
Cooling
230ºC
to
250ºC
T
D1
D2
D3
D4
D5
RECOMMENDED
SOLDERING PAD
LAYOUT
Dimensions in
mm (inches)


Similar Part No. - NC12

ManufacturerPart #DatasheetDescription
logo
NEC
NC1200C NEC-NC1200C Datasheet
543Kb / 2P
   NEC NC1200C Digital Cinema Projector
logo
List of Unclassifed Man...
NC1206KB203KB ETC2-NC1206KB203KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
NC1206KC303KB ETC2-NC1206KC303KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
NC1206KD503KB ETC2-NC1206KD503KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
NC1206KE104KB ETC2-NC1206KE104KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
More results

Similar Description - NC12

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com