Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB5690 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB5690
Description  60V N-Channel PowerTrenchTM MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB5690 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB5690 Datasheet HTML 1Page - Fairchild Semiconductor FDB5690 Datasheet HTML 2Page - Fairchild Semiconductor FDB5690 Datasheet HTML 3Page - Fairchild Semiconductor FDB5690 Datasheet HTML 4Page - Fairchild Semiconductor FDB5690 Datasheet HTML 5Page - Fairchild Semiconductor FDB5690 Datasheet HTML 6Page - Fairchild Semiconductor FDB5690 Datasheet HTML 7Page - Fairchild Semiconductor FDB5690 Datasheet HTML 8Page - Fairchild Semiconductor FDB5690 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FDP5690/FDB5690 Rev. C
July 2000
2000 Fairchild Semiconductor International
FDP5690/FDB5690
60V N-Channel PowerTrenchTM MOSFET
Features
• 32 A, 60 V. R
DS(ON) = 0.027 Ω @ VGS = 10 V
R
DS(ON) = 0.032 Ω @ VGS = 6 V.
• Critical DC electrical parameters specified at evevated
temperature.
• Rugged internal source-drain diode can eliminate the
need for an external Zener diode transient suppressor.
• High performance trench technology for extremely low
R
DS(ON).
• 175
°C maximum junction temperature rating.
Absolute Maximum Ratings T
C
= 25°C unless otherwise noted
Symbol
Parameter
FDP5690
FDB5690
Units
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±20
V
ID
Maximum Drain Current
- Continuous
32
A
- Pulsed
100
Total Power Dissipation @ TC = 25
°C
58
W
PD
Derate above 25
°C
0.4
W/
°C
TJ, TSTG
Operating and Storage Junction Temperature Range
-65 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
2.6
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDB5690
FDB5690
13’’
24mm
800
FDP5690
FDP5690
Tube
N/A
45
S
D
G
S
G
D
TO-220
FDP Series
D
G
S
TO-263AB
FDB Seri es
General Description
This N-Channel MOSFET has been designed specifically
to improve the overall efficiency of DC/DC converters
using either synchronous or conventional switching PWM
controllers.
These MOSFETs feature faster switching and lower gate
charge than other MOSFETs with comparable R
DS(on)
specifications resulting in DC/DC power supply designs
with higher overall efficiency.


Similar Part No. - FDB5690

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB5690 ISC-FDB5690 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB5690

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC5612 FAIRCHILD-FDC5612 Datasheet
244Kb / 8P
   60V N-Channel PowerTrenchTM MOSFET
FDD5670 FAIRCHILD-FDD5670 Datasheet
106Kb / 5P
   60V N-Channel PowerTrenchTM MOSFET
FDD6030BL FAIRCHILD-FDD6030BL Datasheet
107Kb / 5P
   N-Channel PowerTrenchTM MOSFET
FDS3580 FAIRCHILD-FDS3580 Datasheet
201Kb / 8P
   80V N-Channel PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com