Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EM Datasheet(PDF) 1 Page - Rohm

Part # DTA124EM
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124EM Datasheet(HTML) 1 Page - Rohm

  DTA124EM Datasheet HTML 1Page - Rohm DTA124EM Datasheet HTML 2Page - Rohm DTA124EM Datasheet HTML 3Page - Rohm DTA124EM Datasheet HTML 4Page - Rohm DTA124EM Datasheet HTML 5Page - Rohm DTA124EM Datasheet HTML 6Page - Rohm DTA124EM Datasheet HTML 7Page - Rohm DTA124EM Datasheet HTML 8Page - Rohm DTA124EM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
DTA124E series
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Outline
Features
1) Built-In Biasing Resistors, R1 = R2 = 22k.
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see equivalent circuit).
3) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
4) Only the on/off conditions need to be set for
operation, making the circuit design easy.
5) Complementary NPN Types :DTC124E series
6) Complex transistors :UMA1N/ FMA1A (PNP type)
Inner circuit
7) Lead Free/RoHS Compliant.
Application
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
Packaging specifications
R1
22k
R2
22k
Parameter
Value
VCC
50V
IC(MAX.)
100mA
Part No.
Package
Package
size
(mm)
Taping
code
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
DTA124EM
VMT3
1212
T2L
180
8
8,000
Reel size
(mm)
15
DTA124EEB
EMT3F
1616
TL
180
8
3,000
15
3,000
15
8
3,000
15
8
DTA124EE
EMT3
1616
TL
180
DTA124EUB
UMT3F
2021
TL
180
3,000
15
DTA124EKA
SMT3
2928
T146
180
8
3,000
15
DTA124EUA
UMT3
2021
T106
180
8
VMT3
EMT3F
EMT3
UMT3F
UMT3
SMT3
DTA124EM
(SC-105AA)
OUT
IN
GND
OUT
IN
GND
DTA124EUB
(SC-85)
DTA124EE
SOT-416 (SC-75A)
DTA124EKA
SOT-346 (SC-59)
DTA124EUA
SOT-323 (SC-70)
DTA124EEB
(SC-89)
OUT
IN
GND
OUT
IN
GND
OUT
IN
GND
OUT
IN
GND
R1
R2
IN
GND(
+)
OUT
IN
GND(
+)
OUT
1/10
2012.03 - Rev.A


Similar Part No. - DTA124EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EM ROHM-DTA124EM Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTA124EM ROHM-DTA124EM Datasheet
92Kb / 4P
   Digital transistors (built-in resistors)
DTA124EM ROHM-DTA124EM Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124EM ROHM-DTA124EM Datasheet
79Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Taiwan Semiconductor Co...
DTA124EM TSC-DTA124EM Datasheet
201Kb / 3P
   PNP Small Signal Transistor
More results

Similar Description - DTA124EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com