Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2F5CQ3 Datasheet(PDF) 2 Page - C&K Components

Part # DS2F5CQ3
Description  DS Series Interlock Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DS2F5CQ3 Datasheet(HTML) 2 Page - C&K Components

  DS2F5CQ3 Datasheet HTML 1Page - C&K Components DS2F5CQ3 Datasheet HTML 2Page - C&K Components DS2F5CQ3 Datasheet HTML 3Page - C&K Components DS2F5CQ3 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12.15
2X 4.95
26.4
35 MAX
39.8
24.6
21.2
13.3
9.5
39.9
17.3
4X R1.5
0.8
TYP
DIM "A"
DIM "B"
4X R1.27
3
2
1
4
5
PANEL MOUNTING
PANEL THICKNESS
DIM "A" mm
DIM "B" mm
1.14
36.70
13.97
2.54
36.96
13.97
NC2
NO2
NO1
NC1
COM2
COM1
SCHEMATIC
A-131
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
A
DS Series
Interlock Pushbutton Switches
NUMBER OF POLES
NEW!
DIM "A"
DIM "B"
R1.27
MAX
8.6
R1.5
21.35
2
9.55
25.65
22.05
4.15
2X 80°
2.38 REF
3.67
24.6
R1.5
31.75
17.3
11.7
1
2
4
5
3
13.3
9.5
15.54
PANEL MOUNTING
PANEL THICKNESS
DIM "A" mm
DIM "B" mm
1.14
28.32
13.97
2.54
28.58
13.97
NC
NO
COM
SCHEMATIC
COM
1 SPDT
2 DPDT


Similar Part No. - DS2F5CQ3

ManufacturerPart #DatasheetDescription
logo
C&K Components
DS2F5AQ1 CK-COMPONENTS-DS2F5AQ1 Datasheet
142Kb / 3P
   Interlock Pushbutton Switches
More results

Similar Description - DS2F5CQ3

ManufacturerPart #DatasheetDescription
logo
C&K Components
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
   Interlock Pushbutton Switches
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
   Door Interlock Switches
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
   Door Interlock Switches
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
   Door Interlock Switches
logo
C&K Components
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
   Interlock Snap Switches
31 oct 16
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
   Door Interlock Switches
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
   Interlock Snap Switches
31 oct 16
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
Carling Technologies
P26T-1D-BL CARLINGTECH-P26T-1D-BL Datasheet
124Kb / 1P
   P26-Series Pushbutton Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com