Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393B1K73EB0 Datasheet(PDF) 27 Page - Samsung semiconductor

Part # M393B1K73EB0
Description  240pin Registered DIMM based on 2Gb E-die
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393B1K73EB0 Datasheet(HTML) 27 Page - Samsung semiconductor

Back Button M393B1K73EB0 Datasheet HTML 23Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 24Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 25Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 26Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 27Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 28Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 29Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 30Page - Samsung semiconductor M393B1K73EB0 Datasheet HTML 31Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
- 27 -
datasheet
DDR3L SDRAM
Rev. 1.0
Registered DIMM
14.4 Differential Output Slew Rate
With the reference load for timing measurements, output slew rate for falling and rising edges is defined and measured between VOLdiff(AC) and VOH-
diff(AC) for differential signals as shown in below.
[ Table 14 ] Differential Output slew rate definition
NOTE : Output slew rate is verified by design and characterization, and may not be subject to production test.
[ Table 15 ] Differential Output slew rate
Description : SR : Slew Rate
Q : Query Output (like in DQ, which stands for Data-in, Query-Output)
diff : Differential Signals
For Ron = RZQ/7 setting
Figure 7. Differential output slew rate definition
Description
Measured
Defined by
From
To
Differential output slew rate for rising edge
VOLdiff(AC)
VOHdiff(AC)
VOHdiff(AC)-VOLdiff(AC)
Delta TRdiff
Differential output slew rate for falling edge
VOHdiff(AC)
VOLdiff(AC)
VOHdiff(AC)-VOLdiff(AC)
Delta TFdiff
Parameter
Symbol
Operation
Voltage
DDR3-800
DDR3-1066
DDR3-1333
DDR3-1600
Units
Min
Max
Min
Max
Min
Max
Min
Max
Differential output slew rate
SRQdiff
1.35V
3.5
12
3.5
12
3.5
12
3.5
12
V/ns
1.5V
5
10
5
10
5
10
5
10
V/ns
VOHdiff(AC)
VOLdiff(AC)
delta
TRdiff
delta
TFdiff
VTT


Similar Part No. - M393B1K73EB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1K73BH1 SAMSUNG-M393B1K73BH1 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73DH0 SAMSUNG-M393B1K73DH0 Datasheet
1Mb / 56P
   240pin Registered DIMM
More results

Similar Description - M393B1K73EB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M393B2K70DM0 SAMSUNG-M393B2K70DM0 Datasheet
1Mb / 56P
   240pin Registered DIMM based on 2Gb D-die
logo
Hynix Semiconductor
HMT325R7EFR8A HYNIX-HMT325R7EFR8A Datasheet
1Mb / 70P
   DDR3L SDRAM Registered DIMM Based on 2Gb E-die
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M378B5773DH0 SAMSUNG-M378B5773DH0 Datasheet
1Mb / 41P
   240pin Unbuffered DIMM based on 2Gb D-die
logo
Hynix Semiconductor
HMT325V7EFR8A HYNIX-HMT325V7EFR8A Datasheet
899Kb / 59P
   DDR3L SDRAM VLP Registered DIMM Based on 2Gb E-die
HMT325V7EFR8C HYNIX-HMT325V7EFR8C Datasheet
873Kb / 58P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb E-die
logo
Samsung semiconductor
M393B1G70BH0 SAMSUNG-M393B1G70BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com