Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2F5BQ3 Datasheet(PDF) 1 Page - C&K Components

Part # DS2F5BQ3
Description  DS Series Interlock Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DS2F5BQ3 Datasheet(HTML) 1 Page - C&K Components

  DS2F5BQ3 Datasheet HTML 1Page - C&K Components DS2F5BQ3 Datasheet HTML 2Page - C&K Components DS2F5BQ3 Datasheet HTML 3Page - C&K Components DS2F5BQ3 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A-130
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
A
Features/Benefits
Snap-in mounting
Reliable snap action mechanism
Latch or momentary
RoHS compliant
Halogen free material
Typical Applications
Interlock switch
Detection switch
Circuit interrupt
Specifications
FUNCTION: Single pole double throw / Double pole double throw
MOUNTING TYPE: Snap in style
Electrical
ELECTRICAL LIFE: see ratings chart below
DIELECTRIC STRENGTH: 1500 V (50-60 Hz @ sea level)
INSULATION RESISTANCE: 100 M
Ω min.
INITIAL CONTACT RESISTANCE: 30 milli-ohms
Materials
HOUSING, COVER, ACTUATOR, KNOB: PA 66/6 halogen free, color white
NO & NC FIXED TERMINALS: Copper alloy
COMMON TERMINALS: Copper alloy, silver plate
CONTACTS: Silver alloy / F5 rating gold plated over silver alloy
RETURN SPRINGS: Stainless steel
Operating Environment
OPERATING TEMPERATURE: -40˚C to +85˚C
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
DS
DS Series
S
D
DS Series
Interlock Pushbutton Switches
Number of Poles
1
SPDT
2
DPDT
Rating
F5
0.1 (0.05)A @ 125/250 V AC 50/60 Hz 50E3
0.1A G.P. @ 125/250 V AC 50/60 Hz 10E3
D6
10 (4)A @125/250 V AC 50/60 Hz 50E3
10A G.P. @ 125 / 250 V AC 1/3HP @ 125/250 V AC
50/60 Hz 10E3
Terminals
Q1
4.8 x 0.5
Q2
4.8 x 0.8
Q3
6.3 x 0.8
Actuator Style
A
Momentary, Short button
B
Momentary, Long button
C
Momentary/Pulled out button
NEW!
Extended Electrical Life
U
100,000 cycles
contact Customer Service
available in F5 rating only
ENEC UL 61058-1
UL file # E247379
10E3
Cycles 10,000
50E3
Cycles 50,000
10(4)
Current rating: First number represents resistive rating.
Second number represents inductive (motor) rating
GP
General purpose rating UL1054
International Rating Symbols


Similar Part No. - DS2F5BQ3

ManufacturerPart #DatasheetDescription
logo
C&K Components
DS2F5AQ1 CK-COMPONENTS-DS2F5AQ1 Datasheet
142Kb / 3P
   Interlock Pushbutton Switches
More results

Similar Description - DS2F5BQ3

ManufacturerPart #DatasheetDescription
logo
C&K Components
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
   Interlock Pushbutton Switches
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
   Door Interlock Switches
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
   Door Interlock Switches
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
   Door Interlock Switches
logo
C&K Components
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
   Interlock Snap Switches
31 oct 16
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
   Door Interlock Switches
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
   Interlock Snap Switches
31 oct 16
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
Carling Technologies
P26T-1D-BL CARLINGTECH-P26T-1D-BL Datasheet
124Kb / 1P
   P26-Series Pushbutton Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com