Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393B1G73BH0 Datasheet(PDF) 33 Page - Samsung semiconductor

Part # M393B1G73BH0
Description  240pin Registered DIMM based on 4Gb B-die
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393B1G73BH0 Datasheet(HTML) 33 Page - Samsung semiconductor

Back Button M393B1G73BH0 Datasheet HTML 29Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 30Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 31Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 32Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 33Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 34Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 35Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 36Page - Samsung semiconductor M393B1G73BH0 Datasheet HTML 37Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
- 33 -
datasheet
DDR3 SDRAM
Rev. 1.5
Registered DIMM
M393B2G70BH0 : 16GB(2Gx72) Module
NOTE :
1. DIMM IDD SPEC is calculated with considering de-actived rank(IDLE) is IDD2N.
M393B2G73BH0 : 16GB(2Gx72) Module
NOTE :
1. DIMM IDD SPEC is calculated with considering de-actived rank(IDLE) is IDD2N.
Symbol
CF8
(DDR3-1066@CL=7)
CH9
(DDR3-1333@CL=9)
CK0
(DDR3-1600@CL=11)
CMA
(DDR3-1866@CL=13)
Unit
NOTE
IDD0
1720
1750
1890
1890
mA
1
IDD1
1900
1930
2070
2070
mA
1
IDD2P0(slow exit)
1080
1120
1170
1170
mA
IDD2P1(fast exit)
1080
1120
1170
1170
mA
IDD2N
1330
1370
1410
1410
mA
IDD2Q
1310
1350
1390
1390
mA
IDD3P
1260
1300
1350
1350
mA
IDD3N
1680
1720
1760
1760
mA
IDD4R
2170
2380
2610
2700
mA
1
IDD4W
2270
2480
2800
2800
mA
1
IDD5B
3120
3610
3650
3650
mA
1
IDD6
570
570
570
570
mA
IDD7
3340
3910
4050
4050
mA
1
IDD8
570
570
570
570
mA
Symbol
CF8
(DDR3-1066@CL=7)
CH9
(DDR3-1333@CL=9)
Unit
NOTE
IDD0
1540
1570
mA
1
IDD1
1630
1660
mA
1
IDD2P0(slow exit)
1080
1120
mA
IDD2P1(fast exit)
1080
1120
mA
IDD2N
1330
1370
mA
IDD2Q
1310
1350
mA
IDD3P
1260
1300
mA
IDD3N
1680
1720
mA
IDD4R
1810
1975
mA
1
IDD4W
1865
2030
mA
1
IDD5B
2220
2485
mA
1
IDD6
570
570
mA
IDD7
2350
2740
mA
1
IDD8
570
570
mA


Similar Part No. - M393B1G73BH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1G73QH0-CMA SAMSUNG-M393B1G73QH0-CMA Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M393B1G73BH0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393B1G70BH0 SAMSUNG-M393B1G70BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B2G70CB0 SAMSUNG-M393B2G70CB0 Datasheet
1Mb / 37P
   240pin Registered DIMM based on 4Gb C-die
M378B5173BH0 SAMSUNG-M378B5173BH0 Datasheet
1Mb / 40P
   240pin Unbuffered DIMM based on 4Gb B-die
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
M393B2K70DM0 SAMSUNG-M393B2K70DM0 Datasheet
1Mb / 56P
   240pin Registered DIMM based on 2Gb D-die
logo
Hynix Semiconductor
HMA451R7AFR8N HYNIX-HMA451R7AFR8N Datasheet
1Mb / 79P
   DDR4 SDRAM Registered DIMM Based on 4Gb A-die
HMT451R7AFR8A HYNIX-HMT451R7AFR8A Datasheet
1Mb / 72P
   DDR3L SDRAM Registered DIMM Based on 4Gb A-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com