Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVQFN33 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HVQFN33
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HVQFN33 Datasheet(HTML) 3 Page - NXP Semiconductors

  HVQFN33 Datasheet HTML 1Page - NXP Semiconductors HVQFN33 Datasheet HTML 2Page - NXP Semiconductors HVQFN33 Datasheet HTML 3Page - NXP Semiconductors HVQFN33 Datasheet HTML 4Page - NXP Semiconductors HVQFN33 Datasheet HTML 5Page - NXP Semiconductors HVQFN33 Datasheet HTML 6Page - NXP Semiconductors HVQFN33 Datasheet HTML 7Page - NXP Semiconductors HVQFN33 Datasheet HTML 8Page - NXP Semiconductors HVQFN33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 6 June 2012
3 of 74
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
Unique device serial number for identification.
Available as 48-pin LQFP package and 33-pin HVQFN package.
3.
Applications
eMetering
Lighting
Alarm systems
White goods
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1311FHN33
HVQFN33
HVQFN33: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1311FHN33/01
HVQFN33
HVQFN33: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1313FHN33
HVQFN33
HVQFN33: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1313FHN33/01
HVQFN33
HVQFN33: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1313FBD48
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
SOT313-2
LPC1313FBD48/01
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
SOT313-2
LPC1342FHN33
HVQFN33
HVQFN33: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1342FBD48
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
SOT313-2
LPC1343FHN33
HVQFN33
HVQFN33: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
× 7 × 0.85 mm
n/a
LPC1343FBD48
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
× 7 ×
1.4 mm
SOT313-2
Table 2.
Ordering options for LPC1311/13/42/43
Type number
Flash
Total
SRAM
USB
Power
profiles
UART
RS-485
I2C/
Fast+
SSP ADC
channels
Pins
Package
LPC1311FHN33
8 kB
4 kB
-
no
1
1
1
8
33
HVQFN33
LPC1311FHN33/01
8 kB
4 kB
-
yes
1
1
1
8
33
HVQFN33
LPC1313FHN33
32 kB
8 kB
-
no
1
1
1
8
33
HVQFN33
LPC1313FHN33/01
32 kB
8 kB
-
yes
1
1
1
8
33
HVQFN33
LPC1313FBD48
32 kB
8 kB
-
no
1
1
1
8
48
LQFP48
LPC1313FBD48/01
32 kB
8 kB
-
yes
1
1
2
8
48
LQFP48


Similar Part No. - HVQFN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HVQFN33 NXP-HVQFN33 Datasheet
1Mb / 77P
   32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012
More results

Similar Description - HVQFN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com