Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1343FHN33 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC1343FHN33
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1343FHN33 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC1343FHN33 Datasheet HTML 60Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 61Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 62Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 63Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 64Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 65Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 66Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 67Page - NXP Semiconductors LPC1343FHN33 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
LPC1311_13_42_43
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 6 June 2012
64 of 74
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
11.7 ElectroMagnetic Compatibility (EMC)
Radiated emission measurements according to the IEC61967-2 standard using the
TEM-cell method are shown for the LPC1343FBD48 in Table 23.
[1]
IEC levels refer to Appendix D in the IEC61967-2 Specification.
Table 23.
ElectroMagnetic Compatibility (EMC) for part LPC1343FBD48 (TEM-cell method)
VDD = 3.3 V; Tamb = 25
°C.
Parameter
Frequency band
System clock =
Unit
12 MHz
24 MHz
48 MHz
72 MHz
Input clock: IRC (12 MHz)
maximum
peak level
150 kHz - 30 MHz
−6
−5
−7
−7dBμV
30 MHz - 150 MHz
−1
+3+9+13
dB
μV
150 MHz - 1 GHz
+3
+7
+15
+19
dB
μV
IEC level[1]
-O
N
M
L
-
Input clock: crystal oscillator (12 MHz)
maximum
peak level
150 kHz - 30 MHz
-5
−5
−7
−7dBμV
30 MHz - 150 MHz
0
+4
+9
+13
dB
μV
150 MHz - 1 GHz
3
+8
+15
+20
dB
μV
IEC level[1]
-O
N
M
L
-


Similar Part No. - LPC1343FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1343FHN33 NXP-LPC1343FHN33 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1343FHN33 NXP-LPC1343FHN33 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
More results

Similar Description - LPC1343FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com