Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6730A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6730A
Description  Power Factor Correction Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6730A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6730A Datasheet HTML 2Page - Intersil Corporation ISL6730A Datasheet HTML 3Page - Intersil Corporation ISL6730A Datasheet HTML 4Page - Intersil Corporation ISL6730A Datasheet HTML 5Page - Intersil Corporation ISL6730A Datasheet HTML 6Page - Intersil Corporation ISL6730A Datasheet HTML 7Page - Intersil Corporation ISL6730A Datasheet HTML 8Page - Intersil Corporation ISL6730A Datasheet HTML 9Page - Intersil Corporation ISL6730A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL6730A, ISL6730B, ISL6730C, ISL6730D
6
FN8258.0
February 26, 2013
Absolute Maximum Ratings
Thermal Information
VCC to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
GATE to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +18V
VIN, BO, ISEN, FB and COMP to GND. . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6.3V
ESD Rating
Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD-C101E. . . . . . . . . . . . . . . . . 1kV
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Recommended Operating Conditions
VCC to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V to + 20V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
MSOP Package (Notes 4, 5) . . . . . . . . . . . .
137
39
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the "case temp" location is taken at the package top center.
Electrical Specifications Operating Conditions: VCC = 15V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
VCC SUPPLY CURRENT
Start Up Current
ISTART
VFB = 1V, VCC < VCC(ON)
73
106
139
µA
Standby Current
ISTDN
VFB = GND, VCC > VCC(ON)
179
237
295
µA
Skip Mode Current
ICCSKIP
VFB = 2.5V, COMP = SKIP*0.25 +1V
580
690
800
µA
Operating Current (Note 6)
ICC
GATE is floating
3.2
3.7
4.2
µA
VCC UVLO
UVLO Rising Threshold
VCC(ON)
910
11
V
UVLO Falling Threshold
VCC(OFF)
6.7
7.5
8.3
V
UVLO Threshold Hysteresis
VCC(HYS)
-2.5
-
V
REGULATOR VOLTAGE VREG
Overall Accuracy
IREF = 0 to -10mA, VCC = 15V, Load Capacitor = 47nF
5.16
5.4
5.6
V
Current Limit
30
50
70
mA
PWM CONVERTERS
Minimum Duty Cycle, ISL6730A
fSW = 124kHz
-
2.57
4.66
%
Maximum Duty Cycle, ISL6730A
fSW = 124kHz
94.8
96.5
-
%
OSCILLATOR
Free Running Frequency, ISL6730A
TA = -40°C to +125°C, VIN = 0.6V
98
107
116
kHz
Free Running Frequency, ISL6730A
TA = -40°C to +125°C, VIN = 2.5V
114
125
136
kHz
PWM Ramp Amplitude
Vm
1.33
1.46
1.59
V
GATE DRIVER
Gate Drive Pull-Down Resistance
VCC = 15V, IGATE = 15mA
-
2.33
4.46
Gate Drive Pull-Up Voltage Drop
VCC = 9V, IGATE = 15mA
0.15
0.3
0.45
V
Gate Drive Max. Sourcing/Sinking
Current
-1.5
-
A


Similar Part No. - ISL6730A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730A INTERSIL-ISL6730A Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Intersil Corporation
ISL6730AEVAL1Z INTERSIL-ISL6730AEVAL1Z Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730AEVAL1Z INTERSIL-ISL6730AEVAL1Z Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
More results

Similar Description - ISL6730A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
   Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Intersil Corporation
ISL6730AFUZ INTERSIL-ISL6730AFUZ Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
logo
Renesas Technology Corp
ISL6731A RENESAS-ISL6731A Datasheet
919Kb / 20P
   Power Factor Correction Controllers
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com