Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPNA140 Datasheet(PDF) 5 Page - Texas Instruments

Part # SPNA140
Description  Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SPNA140 Datasheet(HTML) 5 Page - Texas Instruments

  SPNA140 Datasheet HTML 1Page - Texas Instruments SPNA140 Datasheet HTML 2Page - Texas Instruments SPNA140 Datasheet HTML 3Page - Texas Instruments SPNA140 Datasheet HTML 4Page - Texas Instruments SPNA140 Datasheet HTML 5Page - Texas Instruments SPNA140 Datasheet HTML 6Page - Texas Instruments SPNA140 Datasheet HTML 7Page - Texas Instruments SPNA140 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
V
CCAD
V
SSAD
V
REFLO
V
REFHI
www.ti.com
Circuit Design and Layout Requirement
2.2
Power and Reference Voltage
V
CCAD and VSSAD are not truly analog power and grounds. They contain digital noise generated during
conversion. V
SSAD is also connected to VSS through p-substrate inside the IC, the high frequency VSS
current in the digital and core area can also follow through this V
SSAD pin to the board ground. A minimum
100 nF decoupling capacitor should be placed between V
CCAD and VSSAD before they reach the power and
ground plane as shown in Figure 5.
V
REFHI and VREFLO are the reference voltages for the conversion. They should be extremely clean. Random
noise on these two pins leads to random noise on the conversion result. With synchronized noise (with the
clock inside the device) presenting on these two pins, the conversion result looks
‘stable’ but has offset
and gain errors. A minimum 100 nF decoupling capacitor should be placed between them before they
reach the power and ground plane as shown in Figure 5. Do not share VIAs between V
SSAD and VREFLO
or between V
CCAD and VREFHI because the self-inductance of the common VIA couples digital noise to the
voltage reference pins.
Figure 5. Power and Reference Voltage Layout Strategy
2.3
Input Channel
A typical input stage of the ADC input includes a low-pass filter and an operational amplifier (OP-AMP) as
shown in Figure 6. You can combine the low-pass filter and OP-AMP together.
Figure 6. ADC Input Strategy
2.3.1
Anti-aliasing Low-Pass Filter
Usually, the analog input carries all kinds of noise (FM noise, cell phone band noise and other spurious
signal). You should have some prior understanding of the nature of the input signals to be measured, for
example, the minimum or maximum frequency. Then, a filter can be designed to improve the signal to
noise ratio (SNR).
On the other side, the highest ADC sampling rate on TMS570LS31x/21x and RM4 devices is around 1
MSPS. The Nyquist frequency is half the sampling frequency. Any signal or noise beyond the Nyquist
frequency can be considered as
‘disturbance’ to the system and should be filtered before sampling.
To protect the analog input signal integrity, the capacitor and inductor used in the filter must be screened
carefully. The capacitance of the capacitor must not change across the voltage, frequency and
temperature range (NPO capacitor). The inductance of the inductor must not change across the current,
frequency and temperature range either. The change of capacitance or inductance will result in harmonic
distortion to the system and degradation of the ENOB.
5
SPNA140
– February 2012
Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series
Microcontrollers
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - SPNA140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA135A TI1-SPNA135A Datasheet
143Kb / 15P
[Old version datasheet]   Compatibility Considerations: TMS570LS20x/10x to TMS570LS31x/21x
More results

Similar Description - SPNA140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA135A TI1-SPNA135A Datasheet
143Kb / 15P
[Old version datasheet]   Compatibility Considerations: TMS570LS20x/10x to TMS570LS31x/21x
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
   In general the ADC embedded in the ST7 microcontroller
AN2615 STMICROELECTRONICS-AN2615 Datasheet
529Kb / 37P
   In general the ADC embedded in the ST7 microcontroller
logo
Xicor Inc.
AN114 XICOR-AN114 Datasheet
255Kb / 12P
   Interfacing the X9408/X9418 XDCP to 8051 Microcontrollers
logo
NXP Semiconductors
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
   Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
Analog Devices
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com