Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPNA135A Datasheet(PDF) 7 Page - Texas Instruments

Part # SPNA135A
Description  Compatibility Considerations: TMS570LS20x/10x to TMS570LS31x/21x
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SPNA135A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SPNA135A Datasheet HTML 3Page - Texas Instruments SPNA135A Datasheet HTML 4Page - Texas Instruments SPNA135A Datasheet HTML 5Page - Texas Instruments SPNA135A Datasheet HTML 6Page - Texas Instruments SPNA135A Datasheet HTML 7Page - Texas Instruments SPNA135A Datasheet HTML 8Page - Texas Instruments SPNA135A Datasheet HTML 9Page - Texas Instruments SPNA135A Datasheet HTML 10Page - Texas Instruments SPNA135A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
Package Differences
4
Package Differences
Both the TMS570LS20x/10x and the TMS570LS31x/21x series of microcontrollers are offered in two
packages:
144-pin quad flat pack (QFP)
337-ball grid array (BGA)
The following sections describe the differences in terms of the pin-out and ball-out for these two packages.
4.1
144 QFP Differences
The LS20x/10x and LS31x/21x microcontrollers are completely different in terms of the 144 QFP pin-out.
An application that uses the LS20x/10x microcontroller in the 144 QFP package cannot use the LS31x/21x
microcontrollers without redesigning the circuit board.
4.2
337 BGA Differences
The LS20x/10x and LS31x/21x microcontrollers are very compatible in terms of the 337 BGA ball-outs
with some significant exceptions. These exceptions are summarized in Table 2 and described in the
sections following the table.
Table 2. LS31x/21x and LS20x/10x Ball-Map Differences
337 BGA Ball# for
337 BGA Ball# for
Signal Name
LS20x/10x
LS31x/21x
External Memory Interface (EMIF) Differences
EMIF_BA[0]
D13
E13
EMIF_nOE
D12
E12
EMIF_nDQM[1]
D11
E11
EMIF_nDQM[0]
D10
E10
EMIF_ADDR[5]
D9
E9
EMIF_ADDR[4]
D8
E8
EMIF_ADDR[3]
D7
E7
EMIF_ADDR[2]
D6
E6
EMIF_DATA[4]
E4
E5
EMIF_DATA[5]
F4
F5
EMIF_DATA[6]
G4
G5
EMIF_DATA[7]
K4
K5
EMIF_CLK
K3
EMIF_DATA[8]
L4
L5
EMIF_CKE
L3
EMIF_DATA[9]
M4
M5
EMIF_DATA[10]
N4
N5
EMIF_DATA[11]
P4
P5
EMIF_nWAIT
P3
EMIF_nRAS
R3
EMIF_nCAS
R4
EMIF_DATA[12]
T5
R5
EMIF_DATA[13]
T6
R6
EMIF_DATA[14]
T7
R7
EMIF_DATA[15]
T8
R8
EMIF_DATA[3]
N16
N15
EMIF_DATA[2]
M16
M15
EMIF_DATA[1]
L16
L15
EMIF_DATA[0]
K16
K15
7
SPNA135A
– October 2011
Compatibility Considerations: TMS570LS20x/10x to TMS570LS31x/21x
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - SPNA135A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA140 TI1-SPNA140 Datasheet
737Kb / 8P
[Old version datasheet]   Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
More results

Similar Description - SPNA135A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA140 TI1-SPNA140 Datasheet
737Kb / 8P
[Old version datasheet]   Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
logo
Silicon Laboratories
AN523 SILABS-AN523 Datasheet
972Kb / 6P
   OVERLAY CONSIDERATIONS
logo
Fairchild Semiconductor
AN4138 FAIRCHILD-AN4138 Datasheet
404Kb / 20P
   Design Considerations
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
   Language Compatibility
logo
TEKTRONIX, INC.
TPP0100 TEKTRONIX-TPP0100 Datasheet
189Kb / 4P
   Passive 10X Voltage Probe
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
Texas Instruments
TMDX570LS31HDK TI-TMDX570LS31HDK Datasheet
535Kb / 24P
[Old version datasheet]   TMS570LS31x Hercules Development Kit (HDK)
logo
Molex Electronics Ltd.
0638002810 MOLEX11-0638002810 Datasheet
26Kb / 1P
   Eye Loupe, 10X magnification
logo
ATMEL Corporation
AT7910E ATMEL-AT7910E Datasheet
289Kb / 19P
   SpW-10X SpaceWire Router
logo
Lineage Power Corporati...
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com