Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8302ABGCR Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8302ABGCR
Description  2.5W Filterless Class-D Mono Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302ABGCR Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8302ABGCR Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 10Page - Power Analog Micoelectronics PAM8302ABGCR Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Performance Characteristics
O
T =25 C, unless otherwise noted.
A
7
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
60%
65%
70%
75%
80%
85%
90%
95%
0
500
1000
1500
2000
2500
3000
Output Pow er(m W)
Load=8ohm+33uH
Load=4ohm+33uH
60%
65%
70%
75%
80%
85%
90%
95%
0
500
1000
1500
2000
Output Pow er(m W)
Vin=5V
Vin=3.6V
Efficiency VS Output Power
V =5.0V
DD
R =8Ω+33μΗ
l
Efficiency VS Output Power
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
500
1000
1500
2000
Output Pow e r (W)
VDD=5V
VDD=3.6V
Power Dissipation VS. Output Power
Quiescent Current VS. Supply Voltage
No load
Frequency VS. Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
R =8Ω
l
0
50
100
150
200
250
300
350
2.5
3
3.5
4
4.5
5
5.5
Supply V oltage (V )
09/2011 Rev1.5


Similar Part No. - PAM8302ABGCR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302AADCR PAM-PAM8302AADCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302AADCR DIODES-PAM8302AADCR Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302AASCR PAM-PAM8302AASCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
More results

Similar Description - PAM8302ABGCR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com