Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8302A Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8302A
Description  2.5W Filterless Class-D Mono Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302A Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8302A_13 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8302A_13 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
10
09/2011 Rev1.5
Power Analog Microelectronics, Inc
www.poweranalog.com
How to Reduce EMI (Electro Magnetic Interference)
A simple solution is to put an additional capacitor 1000μF at power supply terminal for power line coupling
if the traces from amplifier to speakers are short (<20CM).
Most applications require a ferrite bead filter as shown at Figure 1. The ferrite filter depresses EMI of
around 1MHz and higher. When selecting a ferrite bead, choose one with high impedance at high
frequencies and low impedance at low frequencies.
Figure 1: Ferrite Bead Filter to reduce EMI
220pF
220pF
OUT+
OUT-
Ferrite Bead
Ferrite Bead


Similar Part No. - PAM8302A_13

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8302AADCR PAM-PAM8302AADCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302AADCR DIODES-PAM8302AADCR Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302AASCR PAM-PAM8302AASCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302AASCR DIODES-PAM8302AASCR Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302AAYCR PAM-PAM8302AAYCR Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
More results

Similar Description - PAM8302A_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com