Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ128GB106 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24FJ128GB106
Description  64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
Download  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GB106 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24FJ128GB106 Datasheet HTML 1Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GB106 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 352 page
background image
PIC24FJ256GB110 FAMILY
DS39897C-page 4
 2009 Microchip Technology Inc.
Peripheral Features:
• Peripheral Pin Select (PPS):
- Allows independent I/O mapping of many
peripherals at run time
- Continuous hardware integrity checking and safety
interlocks prevent unintentional configuration
changes
- Up to 44 available pins (100-pin devices)
• Three 3-Wire/4-Wire SPI modules (supports
4 Frame modes) with 8-Level FIFO Buffer
• Three I2C™ modules support Multi-Master/Slave modes
and 7-Bit/10-Bit Addressing
• Four UART modules:
- Supports RS-485, RS-232, LIN/J2602 protocols
and IrDA®
- On-chip hardware encoder/decoder for IrDA
- Auto-wake-up and Auto-Baud Detect (ABD)
- 4-level deep FIFO buffer
• Five 16-Bit Timers/Counters with Programmable
Prescaler
• Nine 16-Bit Capture Inputs, each with a
Dedicated Time Base
• Nine 16-Bit Compare/PWM Outputs, each with a
Dedicated Time Base
• 8-Bit Parallel Master Port (PMP/PSP):
- Up to 16 address pins
- Programmable polarity on control lines
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• Programmable Cyclic Redundancy Check (CRC)
Generator
• Up to 5 External Interrupt Sources
Special Microcontroller Features:
• Operating Voltage Range of 2.0V to 3.6V
• Self-Reprogrammable under Software Control
• 5.5V Tolerant Input (digital pins only)
• Configurable Open-Drain Outputs on Digital I/O
• High-Current Sink/Source (18 mA/18 mA) on all I/O
• Selectable Power Management modes:
- Sleep, Idle and Doze modes with fast wake-up
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip,
Low-Power RC Oscillator
• On-Chip LDO Regulator
• Power-on Reset (POR), Power-up Timer (PWRT),
Low-Voltage Detect (LVD) and Oscillator Start-up
Timer (OST)
• Flexible Watchdog Timer (WDT) with On-Chip.
Low-Power RC Oscillator for Reliable Operation
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Debug (ICD) via 2 Pins
• JTAG Boundary Scan and Programming Support
• Brown-out Reset (BOR)
• Flash Program Memory:
- 10,000 erase/write cycle endurance (minimum)
- 20-year data retention minimum
- Selectable write protection boundary
- Write protection option for Flash Configuration
Words


Similar Part No. - PIC24FJ128GB106

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GB106 MICROCHIP-PIC24FJ128GB106 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ128GB106 MICROCHIP-PIC24FJ128GB106 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
More results

Similar Description - PIC24FJ128GB106

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB108-I MICROCHIP-PIC24FJ256GB108-I Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106-I MICROCHIP-PIC24FJ256GB106-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB110 MICROCHIP-PIC24FJ256GB110 Datasheet
5Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2008
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ256DA210 MICROCHIP-PIC24FJ256DA210 Datasheet
3Mb / 408P
   64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
2010
PIC24FJ128DA106-I MICROCHIP-PIC24FJ128DA106-I Datasheet
156Kb / 3P
   PIC24FJ256DA210 FAMILY, 64-100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com