Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3110AMB120R Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM3110AMB120R
Description  1.5A Low Dropout Voltage CMOS Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110AMB120R Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM3110AMB120R Datasheet HTML 2Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 3Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 9Page - Power Analog Micoelectronics PAM3110AMB120R Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PAM3110
1.5A Low Dropout Voltage CMOS Regulator
6
www.poweranalog.com
,
Power Analog Microelectronics Inc
www.poweranalog.com
,
Power Analog Microelectronics Inc
7. Ripple Rejection vs Frequency
Vo=3.3V,V =4.2V,Vpp=1V
IN
8. Load Transient Response
Vo=3.3V ,
, Io=0mA to 1.5A
V =5V
IN
Io=1.5A
Io=500mA
Io=10mA
9. Line Transient Response
Vo
AC
Coupling
V
DC
Coupling
IN
Vo=3.3V, V =3.8V to 5V, Io=10mA
IN
Vo
AC
Coupling
Io
DC
Coupling
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
TT
T
06/2011 Rev2.2
6. Safety Operation Area
0
200
400
600
800
1000
1200
1400
1600
0
1
2
3
4
5
6
Vi n-Vo ut(V)
SOT-22 3
TO-25 2
TO-26 3
Typical Performance Characteristics
T =25°C,C =4.7 F,
=4.7 F,unless otherwise noted.
A
IN
μ
μ
COUT


Similar Part No. - PAM3110AMB120R

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112AAA120 PAM-PAM3112AAA120 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112AAA130 PAM-PAM3112AAA130 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112ACA120 PAM-PAM3112ACA120 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
PAM3112ACA130 PAM-PAM3112ACA130 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
More results

Similar Description - PAM3110AMB120R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com