Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM2304BKFADJ Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2304BKFADJ
Description  3MHz, 1A Step-Down DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2304BKFADJ Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2304BKFADJ Datasheet HTML 6Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 7Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 8Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 9Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 10Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 11Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 12Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 13Page - Power Analog Micoelectronics PAM2304BKFADJ Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ordering Information
PAM 2304 X X X xxx
Output Voltage
Number of Pins
Package Type
Pin Configuration
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2304
3MHz, 1A Step-Down DC-DC Converter
Pin Configuration
Package Type
Number of Pins
Output Voltage
A Type
5 pins
B Type
6 pins
C Type
8 pins
A: TSOT-23
K: TDFN22-6
G: TDFN22-8
B: 5
F: 6
C: 8
ADJ: Adjustable
11/2011 Rev1.1
Part Num ber
Output Voltage
Package Type
Standard P ackage
PAM2304AABADJ
ADJ
TSOT-23-5
3,000Units/Tape&Reel
PAM2304BKFADJ
ADJ
TDFN22-6
3,000Units/Tape&Reel
PAM2304CGCADJ
ADJ
TDFN22-8
3,000Units/Tape&Reel


Similar Part No. - PAM2304BKFADJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2304BKFADJ DIODES-PAM2304BKFADJ Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM2304BKFADJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2312 PAM-PAM2312 Datasheet
411Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305 DIODES-PAM2305 Datasheet
568Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com