Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3845BDR2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # UC3845BDR2G
Description  High Performance Current Mode Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3845BDR2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button UC3845BDR2G Datasheet HTML 11Page - ON Semiconductor UC3845BDR2G Datasheet HTML 12Page - ON Semiconductor UC3845BDR2G Datasheet HTML 13Page - ON Semiconductor UC3845BDR2G Datasheet HTML 14Page - ON Semiconductor UC3845BDR2G Datasheet HTML 15Page - ON Semiconductor UC3845BDR2G Datasheet HTML 16Page - ON Semiconductor UC3845BDR2G Datasheet HTML 17Page - ON Semiconductor UC3845BDR2G Datasheet HTML 18Page - ON Semiconductor UC3845BDR2G Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
15
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
UC384xBDG
TA = 0° to +70°C
SOIC−14
(Pb−Free)
55 Units/Rail
UC384xBDR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC384xBD1G
SOIC−8
(Pb−Free)
98 Units/Rail
UC384xBD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC384xBNG
PDIP−8
(Pb−Free)
50 Units/Rail
UC284xBDG
TA = −25° to +85°C
SOIC−14
(Pb−Free)
55 Units/Rail
UC284xBDR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC284xBD1G
SOIC−8
(Pb−Free)
98 Units/Rail
UC284xBD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC284xBNG
PDIP−8
(Pb−Free)
50 Units/Rail
UC384xBVDG
TA = −40° to +105°C
SOIC−14
(Pb−Free)
55 Units/Rail
UC384xBVDR2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
UC384xBVD1G
SOIC−8
(Pb−Free)
98 Units/Rail
UC384xBVD1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
UC384xBVNG
PDIP−8
(Pb−Free)
50 Units/Rail
NCV3845BVD1R2G*
TA = −40° to +125°C
SOIC−8
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
x indicates either a 4 or 5 to define specific device part numbers.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - UC3845BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UC3845BDR2 ONSEMI-UC3845BDR2 Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
More results

Similar Description - UC3845BDR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com