Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2901DTBR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM2901DTBR2G
Description  Single Supply Quad Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2901DTBR2G Datasheet(HTML) 1 Page - ON Semiconductor

  LM2901DTBR2G Datasheet HTML 1Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 2Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 3Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 4Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 5Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 6Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 7Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 8Page - ON Semiconductor LM2901DTBR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2010
November, 2010 − Rev. 19
Publication Order Number:
LM339/D
1
LM339, LM239, LM2901,
LM2901V, NCV2901,
MC3302
Single Supply Quad
Comparators
These comparators are designed for use in level detection, low−level
sensing and memory applications in consumer, automotive, and
industrial electronic applications.
Features
Single or Split Supply Operation
Low Input Bias Current: 25 nA (Typ)
Low Input Offset Current: ±5.0 nA (Typ)
Low Input Offset Voltage
Input Common Mode Voltage Range to GND
Low Output Saturation Voltage: 130 mV (Typ) @ 4.0 mA
TTL and CMOS Compatible
ESD Clamps on the Inputs Increase Reliability without Affecting
Device Operation
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
PDIP−14
N, P SUFFIX
CASE 646
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
PIN CONNECTIONS
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
- Input 1
Output 1
Output 3
Output 4
+ Input 1
- Input 2
+ Input 2
+ Input 4
- Input 4
+ Input 3
- Input 3
VCC
GND
)
*
)
*
4
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
TSSOP−14
DTB SUFFIX
CASE 948G
1
14


Similar Part No. - LM2901DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2901DTBR2G ONSEMI-LM2901DTBR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM2901DTBR2G ONSEMI-LM2901DTBR2G Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results

Similar Description - LM2901DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com