Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP612SQ50T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP612SQ50T1G
Description  100 mA CMOS Low Iq Voltage Regulator in an SC70-5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP612SQ50T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP612SQ50T1G Datasheet HTML 1Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 2Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 3Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 4Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 5Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 6Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 7Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 8Page - ON Semiconductor NCP612SQ50T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP612, NCV612
http://onsemi.com
4
TYPICAL CHARACTERISTICS
200
−50
−25
0
25
50
75
100
150
100
50
0
125
TEMPERATURE (C)
Figure 2. Dropout Voltage vs. Temperature
250
300
3.010
−60
−40
−20
0
20
40
60
3.005
3.000
2.990
2.985
100
TEMPERATURE (C)
Figure 3. Output Voltage vs. Temperature
3.015
3.020
80
2.995
−60
−40
−20
0
20
40
60
48
44
42
100
TEMPERATURE (C)
Figure 4. Quiescent Current vs. Temperature
80
46
40
40
01
2
3
4
5
6
30
20
10
0
7
Vin INPUT VOLTAGE (V)
Figure 5. Quiescent Current vs. Input Voltage
50
60
40
0
1
23
45
6
30
20
10
0
7
Vin INPUT VOLTAGE (V)
Figure 6. Ground Pin Current vs. Input Voltage
50
60
40
100
1000
10000
100000
1000000
30
20
10
0
FREQUENCY (Hz)
Figure 7. Ripple Rejection vs. Frequency
50
60
70
Io = 80 mA
NCP612SQ30
Io = 40 mA
Io = 10 mA
Vin = 6.0 V
Vin = 4.0 V
Iout = 0 mA
Vin = 4.0 V
Vout = 3.0 V
Vout = 3.0 V
Cin = 1.0 mF
Cout = 1.0 mF
TA = 25C
Vout = 3.0 V
Cin = 1.0 mF
Cout = 1.0 mF
Iout = 30 mA
TA = 25C
Vin = 4.0 V
Cout = 1.0 mF
Iout = 30 mA


Similar Part No. - NCP612SQ50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612SQ50T1G ONSEMI-NCP612SQ50T1G Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
More results

Similar Description - NCP612SQ50T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612 ONSEMI-NCP612_07 Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
NCP512 ONSEMI-NCP512 Datasheet
60Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70-5
November, 2003 ??Rev. 7
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP612 ONSEMI-NCP612_17 Datasheet
86Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator
April, 2017 ??Rev. 4
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com