Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5661DT33RKG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV5661DT33RKG
Description  Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5661DT33RKG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV5661DT33RKG Datasheet HTML 4Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 5Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 6Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 7Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 8Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 9Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 10Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 11Page - ON Semiconductor NCV5661DT33RKG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCP5661, NCV5661
http://onsemi.com
10
ORDERING INFORMATION
Device
Nominal Output Voltage
Package
Shipping†
NCP5661DTADJRKG
Adj
(Pb−Free)
DPAK
2500/Tape & Reel
NCP5661DT12RKG
Fixed, 1.2 V
(Pb−Free)
NCP5661DT18RKG
Fixed, 1.8 V
(Pb−Free)
NCP5661DT25RKG
Fixed, 2.5 V
(Pb−Free)
NCP5661DT33RKG
Fixed, 3.3 V
(Pb−Free)
NCV5661DTADJRKG*
Adj
(Pb−Free)
NCV5661DT12RKG*
Fixed, 1.2 V
(Pb−Free)
NCV5661DT18RKG*
Fixed, 1.8 V
(Pb−Free)
NCV5661DT33RKG*
Fixed, 3.3 V
(Pb−Free)
NCP5661MNADJT2G
Adj
(Pb−Free)
DFN6
3x3.3 mm
3000/Tape & Reel
NCP5661MN12T2G
Fixed, 1.2 V
(Pb−Free)
NCP5661MN15T2G
Fixed, 1.5 V
(Pb−Free)
NCP5661MN18T2G
Fixed, 1.8 V
(Pb−Free)
NCP5661MN25T2G
Fixed, 2.5 V
(Pb−Free)
NCP5661MN28T2G
Fixed, 2.8 V
(Pb−Free)
NCP5661MN30T2G
Fixed, 3.0 V
(Pb−Free)
NCP5661MN33T2G
Fixed, 3.3 V
(Pb−Free)
NCV5661MNADJT2G*
Adj
(Pb−Free)
NCV5661MN12T2G*
Fixed, 1.2 V
(Pb−Free)
NCV5661MN15T2G*
Fixed, 1.5 V
(Pb−Free)
NCV5661MN18T2G*
Fixed, 1.8 V
(Pb−Free)
NCV5661MN25T2G*
Fixed, 2.5 V
(Pb−Free)
NCV5661MN28T2G*
Fixed, 2.8 V
(Pb−Free)
NCV5661MN30T2G*
Fixed, 3.0 V
(Pb−Free)
NCV5661MN33T2G*
Fixed, 3.3 V
(Pb−Free)
NOTE: Additional Fix output voltages are available upon request.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable


Similar Part No. - NCV5661DT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5661DT33RKG ONSEMI-NCV5661DT33RKG Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCV5661DT33RKG ONSEMI-NCV5661DT33RKG Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
More results

Similar Description - NCV5661DT33RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com