Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV3063PG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV3063PG
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3063PG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV3063PG Datasheet HTML 1Page - ON Semiconductor NCV3063PG Datasheet HTML 2Page - ON Semiconductor NCV3063PG Datasheet HTML 3Page - ON Semiconductor NCV3063PG Datasheet HTML 4Page - ON Semiconductor NCV3063PG Datasheet HTML 5Page - ON Semiconductor NCV3063PG Datasheet HTML 6Page - ON Semiconductor NCV3063PG Datasheet HTML 7Page - ON Semiconductor NCV3063PG Datasheet HTML 8Page - ON Semiconductor NCV3063PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCP3063, NCP3063B, NCV3063
http://onsemi.com
5
Figure 5. Oscillator Frequency vs. Oscillator
Timing Capacitor
Figure 6. Oscillator Frequency vs. Supply
Voltage
Ct, CAPACITANCE (nF)
VCC, SUPPLY VOLTAGE (V)
40
29
25
16
12
7
3
110
120
130
150
160
170
180
190
Figure 7. Emitter Follower Configuration Output
Darlington Switch Voltage Drop vs. Temperature
Figure 8. Common Emitter Configuration Output
Darlington Switch Voltage Drop vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
150
100
50
0
−50
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
150
100
50
0
−50
1.0
1.05
1.10
1.15
1.20
1.25
Figure 9. Emitter Follower Configuration Output
Darlington Switch Voltage Drop vs. Emitter Current
Figure 10. Common Emitter Configuration
Output Darlington Switch Voltage Drop vs.
Collector Current
IE, EMITTER CURRENT (A)
IC, COLLECTOR CURRENT (A)
1.5
1.0
0.5
0
1.0
1.1
1.2
1.3
1.5
1.7
1.8
2.0
1.5
1.0
0.5
0
0.5
0.6
0.7
0.8
0.9
1.1
1.4
1.5
21
34
38
140
CT = 2.2 nF
TJ = 25°C
VCC = 5.0 V
IE = 1 A
VCC = 5.0 V
IC = 1 A
1.4
1.6
1.9
1.0
1.3
1.2
VCC = 5.0 V
TJ = 25°C
VCC = 5.0 V
TJ = 25°C
0
50
100
150
200
250
300
350
400
450
0 1 2 3 4 5 6 7 8 9 10 11 12 1314 1516 1718 1920


Similar Part No. - NCV3063PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3063PG ONSEMI-NCV3063PG Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
More results

Similar Description - NCV3063PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com