Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1216AD65R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1216AD65R2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216AD65R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1216AD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1216AD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
2
Universal Input
Fosc = 35kHz
HV
Vcc
Drv
GND
Adj
FB
CS
NCP1216
EMI
Filter
1
2
3
45
6
7
8
Rsense
Rcomp
+
+
+
*See Application Section
Figure 1. Typical Application Example
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
Pin Description
1
Adj
Adjust the Skipping Peak Current
This pin lets you adjust the level at which the cycle skipping process
takes place. Shorting this pin to ground, permanently disables the skip
cycle feature.
2
FB
Sets the Peak Current Setpoint
By connecting an Optocoupler to this pin, the peak current setpoint is
adjusted accordingly to the output power demand.
3
CS
Current Sense Input
This pin senses the primary current and routes it to the internal com-
parator via an L.E.B. By inserting a resistor in series with the pin, you
control the amount of ramp compensation you need.
4
GND
IC Ground
5
Drv
Driving Pulses
The driver’s output to an external MOSFET.
6
VCC
Supplies the IC
This pin is connected to an external bulk capacitor of typically 22 mF.
7
NC
This un−connected pin ensures adequate creepage distance.
8
HV
Generates the VCC from the Line
Connected to the high−voltage rail, this pin injects a constant current
into the VCC bulk capacitor.


Similar Part No. - NCP1216AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216AD65R2G ONSEMI-NCP1216AD65R2G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AD65R2G ONSEMI-NCP1216AD65R2G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com