Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1252CDR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1252CDR2G
Description  Current Mode PWM Controller for Forward and Flyback Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252CDR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1252CDR2G Datasheet HTML 7Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 8Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 9Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 10Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 11Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 12Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 13Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 14Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP1252
http://onsemi.com
11
FB level
Time
Normal Operation:
Skip: DC = 0%
Figure 29. Mode of Operation versus the FB Pin Level
DCmin < DC < DCmaxA/B/C
VFBOL = 6.0 V
Vf = 0.75 V
Vskip = 0.3 V
Operation @ Ton_min
DC = DCmin
Startup Sequence:
The startup sequence is activated when Vcc pin reaches
VCC(on) level. Once the startup sequence has been activated
the internal delay timer (SSdelay) runs. Only when the
internal delay elapses the soft start can be allowed if the BO
pin level is above VBO level. If the BO pin threshold is
reached or as soon as this level will be reached the soft start
is allowed. When the soft start is allowed the SS pin is
released from the ground and the current source connected
to this pin sources its current to the external capacitor
connected on SS pin. The voltage variation of the SS pin
divided by 4 gives the same peak current variation on the CS
pin.
The following figures illustrate the different startup cases.
Time
BO pin
Time
SS pin
Time
DRV pin
Time
120 ms: Internal
delay
Time
BO pin
Time
SS pin
Time
DRV pin
Time
120 ms: Internal
delay
CASE #1
CASE #2
Soft start
Soft start
No
pulse
Figure 30. Different Startup Sequence Case #1 & #2
VBO
VCC(on)
VCC pin
VCC pin
VBO
VCC(on)
With the Case #1, when the VCC pin reaches the VCC(on)
level, the internal timer starts. As the BO pin level is above
the VBO threshold at the end of the internal delay, a soft start
sequence is started.
With the Case #2, at the end of the internal delay, the BO
pin level is below the VBO threshold thus the soft start
sequence can not start. A new soft start sequence will start
only when the BO pin reaches the VBO threshold.


Similar Part No. - NCP1252CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com