Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6518-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6518-EVALZ
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADRF6518-EVALZ Datasheet HTML 1Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 2Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 3Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6518-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADRF6518
Preliminary Technical Data
Rev. PrA | Page 4 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE/DISTORTION
Corner Frequency = 31 MHz
Output Noise Density
Maximum gain at fC/2
−105.5
dBV/Hz
Minimum gain at fC/2
−105.5
dBV/Hz
Second Harmonic, HD2
10 MHz fundamental, 1.5 V p-p at VGA1 output
voltage
VGA2, VGA3 at minimum gain (digital and
analog)
66
dBc
Third Harmonic, HD3
10 MHz fundamental, 1.5 V p-p at VGA1 output
voltage
VGA2, VGA3 at minimum gain (digital and
analog)
66
dBc
IMD3
f1 = 500 kHz, f2 = 550 kHz, 1.5 V p-p composite
output voltage
65
dBc
Corner Frequency = 63 MHz
Output Noise Density
Minimum gain
−105.5
dBV/Hz
Maximum gain
−105.5
dBV/Hz
Second Harmonic, HD2
20 MHz fundamental, 1.5 V p-p at VGA1 output
voltage
VGA2, VGA3 at minimum gain (digital and
analog)
56
dBc
Third Harmonic, HD3
20 MHz fundamental, 1.5 V p-p at VGA1 output
voltage
VGA2, VGA3 at minimum gain (digital and
analog)
66
dBc
DIGITAL LOGIC
LE, CLK, DATA, SDO
Input High Voltage, VINH
>2
V
Input Low Voltage, VINL
<0.8
V
Input Current, IINH/IINL
<1
µA
Input Capacitance, CIN
2
pF
SPI TIMING
LE, CLK, DATA, SDO
fSCLK
1/tSCLK
20
MHz
tDH
DATA hold time
5
ns
tDS
DATA setup time
5
ns
tLH
LE hold time
5
ns
tLS
LE setup time
5
ns
tPW
CLK high pulse width
5
ns
tD
CLK to SDO delay
5
ns
POWER AND ENABLE
VPS, VPSD, COM, COMD, ENBL
Supply Voltage Range
3.15
3.3
3.45
V
Total Supply Current
ENBL = 5 V
Maximum BW setting, high power filter
400
mA
Minimum BW setting, low power filter
360
mA
Filter Bypassed, high power mode
260
mA
Filter Bypassed, low power mode
230
mA
Disable Current
ENBL = 0 V
9
mA
Disable Threshold
1.6
V
Enable Response Time
Delay following ENBL low-to-high transition
20
µs
Disable Response Time
Delay following ENBL high-to-low transition
300
ns


Similar Part No. - ADRF6518-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6518-EVALZ AD-ADRF6518-EVALZ Datasheet
1Mb / 39P
   1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
More results

Similar Description - ADRF6518-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
   1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
logo
Texas Instruments
THS7001 TI-THS7001 Datasheet
597Kb / 32P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
[Old version datasheet]   70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
   31 MHz, Dual Programmable Filters
REV. B
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com