Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60APF10-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 60APF10-M3
Description  Fast Soft Recovery Rectifier Diode, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60APF10-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  60APF10-M3 Datasheet HTML 1Page - Vishay Siliconix 60APF10-M3 Datasheet HTML 2Page - Vishay Siliconix 60APF10-M3 Datasheet HTML 3Page - Vishay Siliconix 60APF10-M3 Datasheet HTML 4Page - Vishay Siliconix 60APF10-M3 Datasheet HTML 5Page - Vishay Siliconix 60APF10-M3 Datasheet HTML 6Page - Vishay Siliconix 60APF10-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-60.PF1.PbF Series, VS-60.PF1.-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Oct-11
2
Document Number: 93721
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 103 °C, 180° conduction half sine wave
60
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
700
10 ms sine pulse, no voltage reapplied
830
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
2450
A2s
10 ms sine pulse, no voltage reapplied
3460
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
34 600
A2
s
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM
60 A, TJ = 25 °C
1.4
V
Forward slope resistance
rt
TJ = 125 °C
4.6
m
Threshold voltage
VF(TO)
0.9
V
Maximum reverse leakage current
IRM
TJ = 25 °C
VR = Rated VRRM
0.1
mA
TJ = 150 °C
8
RECOVERY CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Reverse recovery time
trr
IF at 60 Apk
25 A/μs
25 °C
480
ns
Reverse recovery current
Irr
8A
Reverse recovery charge
Qrr
2.7
μC
Snap factor
S
0.6
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.4
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
40
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.2
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(Ibf · in)
maximum
12 (10)
Marking device
Case style TO-247AC modified
60EPF10
60EPF12
Case style TO-247AC
60APF10
60APF12
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Similar Part No. - 60APF10-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60APU02 IRF-60APU02 Datasheet
146Kb / 7P
   Ultrafast Soft Recovery Diode
60APU02 IRF-60APU02 Datasheet
173Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60APU02 VISHAY-60APU02 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
logo
Inchange Semiconductor ...
60APU02 ISC-60APU02 Datasheet
309Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
60APU02-N3 VISHAY-60APU02-N3 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
More results

Similar Description - 60APF10-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
60EPF10PBF VISHAY-60EPF10PBF Datasheet
284Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60PF0-M3 VISHAY-VS-60PF0-M3 Datasheet
215Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-60EPF0.PBF VISHAY-VS-60EPF0.PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF02PBF VISHAY-60EPF02PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60EPF0PBF VISHAY-VS-60EPF0PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF60CPF VISHAY-60EPF60CPF Datasheet
194Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
18-Jul-08
VS-60PF1-M3 VISHAY-VS-60PF1-M3 Datasheet
220Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com