Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60EPF12-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 60EPF12-M3
Description  Fast Soft Recovery Rectifier Diode, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPF12-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  60EPF12-M3 Datasheet HTML 1Page - Vishay Siliconix 60EPF12-M3 Datasheet HTML 2Page - Vishay Siliconix 60EPF12-M3 Datasheet HTML 3Page - Vishay Siliconix 60EPF12-M3 Datasheet HTML 4Page - Vishay Siliconix 60EPF12-M3 Datasheet HTML 5Page - Vishay Siliconix 60EPF12-M3 Datasheet HTML 6Page - Vishay Siliconix 60EPF12-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-60.PF1.PbF Series, VS-60.PF1.-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Oct-11
5
Document Number: 93721
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Recovery Current Characteristics, TJ = 25 °C
Fig. 13 - Recovery Current Characteristics, TJ = 150 °C
Fig. 14 - Thermal Impedance ZthJC Characteristics
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0
5
10
15
20
25
30
35
40
45
60.PF.. Series
T
J = 25 °C
I
FM = 60 A
I
FM = 1 A
I
FM = 30 A
I
FM = 10 A
I
FM = 5 A
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0
10
20
30
40
50
60
60.PF.. Series
T
J = 150 °C
I
FM = 60 A
I
FM = 1 A
I
FM = 30 A
I
FM = 10 A
I
FM = 5 A
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Steady state value
(DC operation)
60.PF.. Series
Single pulse


Similar Part No. - 60EPF12-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF12 IRF-60EPF12 Datasheet
217Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
60EPF12PBF VISHAY-60EPF12PBF Datasheet
284Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
More results

Similar Description - 60EPF12-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 11-Feb-16
60EPF10PBF VISHAY-60EPF10PBF Datasheet
284Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60PF0-M3 VISHAY-VS-60PF0-M3 Datasheet
215Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-60EPF0.PBF VISHAY-VS-60EPF0.PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF02PBF VISHAY-60EPF02PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
VS-60EPF0PBF VISHAY-VS-60EPF0PBF Datasheet
271Kb / 9P
   Fast Soft Recovery Rectifier Diode, 60 A
Revision: 18-Aug-11
60EPF60CPF VISHAY-60EPF60CPF Datasheet
194Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
18-Jul-08
VS-60PF1-M3 VISHAY-VS-60PF1-M3 Datasheet
220Kb / 7P
   Fast Soft Recovery Rectifier Diode, 60 A
01-Jan-2022
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 11-Feb-16
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 11-Feb-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com