Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4511 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4511
Description  Standard Banana Plug With Threaded Stud and Solder Lug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4511 Datasheet(HTML) 1 Page - Pomona Electronics

  4511 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90173 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3263_64_4511_12_1_01.doc
Page 1 of
1
Model, 3263, 3264, 4511, 4512
Standard Banana Plug With
Threaded Stud and Solder Lug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
Model
Length
Thread
3263
.50”
6-32
3264
.50”
8-32
4511
.63”
6-32
4512
.63”
8-32
FEATURES:
• Threaded stud for rapid mounting.
• Furnished with hex nut and tin plated solder lug.
• Ideal for connecting power supplies or test
equipment to prototype circuit boards.
• Mates to Model #1581 or any standard banana
jack.
MATERIALS:
Banana plug:
Spring: Beryllium Copper, Berylco 25 per QQ-C-
533, Cond. HT.
Plug Body: Brass per QQ-B-626, Alloy 360,
½ Hard Solder lug:
Material: Copper per QQ-C-576.
Finish: Electro-tin plated.
Hex Nut, 8-32:
Material: Brass per QQ-B-626, Composition 22,
½ Hard
Finish: Nickel plated.
RATINGS:
Working Voltage: 5000 VRMS
Current: 15 Amperes
ORDERING INFORMATION: Model 3263
Parts are packaged ten per bag, unassembled.


Similar Part No. - 4511

ManufacturerPart #DatasheetDescription
logo
Lumberg
4511 LUMBERG-4511 Datasheet
321Kb / 2P
   Multimedia interfaces for infotainment packages
logo
Heyco.
4511 HEYCO-4511 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4511-440-AL RAF-4511-440-AL Datasheet
88Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4511-440-SS RAF-4511-440-SS Datasheet
88Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
logo
3M Electronics
45110-010030 3M-45110-010030 Datasheet
126Kb / 2P
   Ribbon Cable Wiremount Socket Assembly
More results

Similar Description - 4511

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3263 POMONA-3263 Datasheet
72Kb / 1P
   Standard Banana Plug with Threaded Stud and Solder Lug
logo
List of Unclassifed Man...
BU-P3264 ETC2-BU-P3264 Datasheet
679Kb / 1P
   Threaded Banana Plug with solder lug
logo
Pomona Electronics
3276 POMONA-3276 Datasheet
72Kb / 1P
   Miniature Banana Plug with Threaded Stud
72918 POMONA-72918 Datasheet
71Kb / 1P
   4mm Banana Plug with Threaded M3 Stud
logo
List of Unclassifed Man...
BU-P72918 ETC2-BU-P72918 Datasheet
658Kb / 1P
   Banana Plug with M3 Stud
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-5 3M-1825-5 Datasheet
76Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com