Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL75052SEHVX Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL75052SEHVX
Description  1.5A, Rad Hard, Positive, High Voltage LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL75052SEHVX Datasheet(HTML) 4 Page - Intersil Corporation

  ISL75052SEHVX Datasheet HTML 1Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 2Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 3Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 4Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 5Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 6Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 7Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 8Page - Intersil Corporation ISL75052SEHVX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL75052SEH
4
FN8456.0
May 29, 2013
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
PART
MARKING
TEMP
RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG DWG. #
5962R1322001VXC
ISL75052SEHVFE
Q 5962R13 22001VXC
-55 to +125
16 Ld CDFP
K16.E
5962R1322001V9A
ISL75052SEHVX
-55 to +125
Die
ISL75052SEHF/SAMPLE
ISL75052SEHX/SAMPLE
-55 to +125
Die Sample
ISL75052SEHFE/PROTO
ISL75052SEHFE/PROTO
ISL75052 SEHFE /PROTO
-55 to +125
16 Ld CDFP
K16.E
ISL75052SEHEV1ZB
Evaluation Board
NOTE:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.


Similar Part No. - ISL75052SEHVX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL75052SEHVX RENESAS-ISL75052SEHVX Datasheet
1Mb / 21P
   1.5A, Radiation Hardened, Positive, High Voltage LDO
Feb 9, 2023
More results

Similar Description - ISL75052SEHVX

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5979RH MSK-MSK5979RH Datasheet
1Mb / 8P
   RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5983RH ANAREN-MSK5983RH Datasheet
610Kb / 9P
   RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5985RH ANAREN-MSK5985RH Datasheet
560Kb / 9P
   RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5978RH ANAREN-MSK5978RH Datasheet
1Mb / 9P
   RAD HARD POSITIVE 0.7A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5979RH ANAREN-MSK5979RH Datasheet
1Mb / 8P
   RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5965RH ANAREN-MSK5965RH Datasheet
429Kb / 7P
   RAD HARD POSITIVE 0.9A, LOW NOISE, LDO ADJ VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5984RH MSK-MSK5984RH Datasheet
1Mb / 8P
   RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5984RH ANAREN-MSK5984RH Datasheet
539Kb / 8P
   RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com