Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT29F2G01ABAGDSF Datasheet(PDF) 41 Page - Micron Technology

Part # MT29F2G01ABAGDSF
Description  2Gb x8, x16: NAND Flash Memory
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT29F2G01ABAGDSF Datasheet(HTML) 41 Page - Micron Technology

Back Button MT29F2G01ABAGDSF Datasheet HTML 37Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 38Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 39Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 40Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 41Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 42Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 43Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 44Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 45Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
PDF: 09005aef82784784 / Source: 09005aef82784840
Micron Technology, Inc., reserves the right to change products or specifications without notice.
NDA_2gb_nand_m59a__2.fm - Rev. A 8/08 EN
41
©2007 Micron Technology, Inc. All rights reserved.
2Gb x8, x16: NAND Flash Memory
Command Definitions
Micron Confidential and Proprietary
Block Lock Feature
The block lock feature of this NAND Flash device provides the ability to protect the
entire device or ranges of blocks from PROGRAM and ERASE operations. Using this
block lock feature offers increased functionality and flexibility over using just the WP#
pin to prevent PROGRAM and ERASE operations.
Block lock features are enabled and disabled at power-on through the use of the LOCK
pin. At power-on, if LOCK is LOW, all block lock commands are disabled. However, at
power-on, if LOCK is HIGH, the block lock commands are enabled and, by default, all of
the blocks on the device are protected, or locked, from PROGRAM and ERASE opera-
tions, even if WP# is HIGH.
Before the contents of the device can be modified, the device must first be unlocked.
Either a range of blocks or the entire device may be unlocked. PROGRAM and ERASE
operations complete successfully only in the block ranges that have been unlocked.
Blocks, once unlocked, can be locked again to protect them from further PROGRAM and
ERASE operations.
Blocks that are locked can be protected further, or locked tight. When locked tight, the
device’s blocks can no longer be locked or unlocked until the device is power cycled.
WP# and Block Lock
• Holding WP# LOW locks all blocks provided the blocks are not locked tight.
• If WP# is held LOW to lock blocks, then returned to HIGH, a new UNLOCK command
must be issued to unlock blocks.
UNLOCK 23h-24h
By default at power-on if LOCK is HIGH, all of the blocks in the NAND Flash device are
locked, meaning that they are protected from PROGRAM and ERASE operations. The
UNLOCK (23h) command is used to unlock a range of blocks. Unlocked blocks have no
protection and can be programmed or erased.
The UNLOCK command uses two registers, a lower boundary block address register and
an upper boundary block address register, and the invert area bit to determine what
range of blocks are unlocked. When the invert area bit = 0, the range of blocks within the
lower and upper boundary address registers are unlocked. When the invert area bit = 1,
the range of blocks outside the boundaries of the lower and upper boundary address
registers are unlocked. The lower boundary block address must be less than the upper
boundary block address. Figures 31 and 32 on page 42 show examples of how the lower
and upper boundary address registers work with the invert area bit.
To unlock a range of blocks, issue the UNLOCK (23h) command followed by the appro-
priate ADDRESS cycles that indicate the lower boundary block address. Then issue the
24h command followed by the appropriate ADDRESS cycles that indicate the upper
boundary block address. The least significant page address bit, PA0, should be set to “1”
if setting the invert area bit; otherwise, it should be “0.” The other page address bits
should be “0” (see Figure 33 on page 43).
Only one range of blocks can be specified in the lower and upper boundary block
address registers. If after unlocking a range of blocks the UNLOCK command is again
issued, the new block address range determines which blocks are unlocked. The previ-
ous unlocked block address range is not retained.


Similar Part No. - MT29F2G01ABAGDSF

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT29F16G08ABABAWP MICRON-MT29F16G08ABABAWP Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
MT29F16G08AJADAWP MICRON-MT29F16G08AJADAWP Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
MT29F4G08ABADAH4 MICRON-MT29F4G08ABADAH4 Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
MT29F4G08ABADAWP MICRON-MT29F4G08ABADAWP Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
More results

Similar Description - MT29F2G01ABAGDSF

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT29F8G08ADADAH4D MICRON-MT29F8G08ADADAH4D Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com