Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT29F2G01ABAGDSF Datasheet(PDF) 49 Page - Micron Technology

Part # MT29F2G01ABAGDSF
Description  2Gb x8, x16: NAND Flash Memory
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT29F2G01ABAGDSF Datasheet(HTML) 49 Page - Micron Technology

Back Button MT29F2G01ABAGDSF Datasheet HTML 45Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 46Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 47Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 48Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 49Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 50Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 51Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 52Page - Micron Technology MT29F2G01ABAGDSF Datasheet HTML 53Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
PDF: 09005aef82784784 / Source: 09005aef82784840
Micron Technology, Inc., reserves the right to change products or specifications without notice.
NDA_2gb_nand_m59a__2.fm - Rev. A 8/08 EN
49
©2007 Micron Technology, Inc. All rights reserved.
2Gb x8, x16: NAND Flash Memory
Command Definitions
Micron Confidential and Proprietary
RANDOM DATA INPUT 85h
After the initial OTP data set is input, additional data can be written to a new column
address with the RANDOM DATA INPUT (85h) command. The RANDOM DATA INPUT
command can be used any number of times in the same page prior to issuance of the
OTP PAGE WRITE (10h) command. See Figure 40 for the proper command sequence.
Figure 39:
OTP DATA PROGRAM
Notes: 1. The OTP page must be within the 02h–0Bh range.
WE#
CE#
ALE
CLE
RE#
R/B#
I/Ox
Don’t Care
OTP data written
(following "good" status confirmation)
tWC
tWB
tPROG
OTP DATA INPUT
command
PROGRAM
command
READ STATUS
command
1 up to m bytes
serial input
A0h
Col
add 1
Col
add 2
DIN
N
DIN
M
00h
00h
10h
70h
Status
OTP
page1


Similar Part No. - MT29F2G01ABAGDSF

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT29F16G08ABABAWP MICRON-MT29F16G08ABABAWP Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
MT29F16G08AJADAWP MICRON-MT29F16G08AJADAWP Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
MT29F4G08ABADAH4 MICRON-MT29F4G08ABADAH4 Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
MT29F4G08ABADAWP MICRON-MT29F4G08ABADAWP Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
More results

Similar Description - MT29F2G01ABAGDSF

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT29F8G08ADADAH4D MICRON-MT29F8G08ADADAH4D Datasheet
1Mb / 132P
   4Gb, 8Gb, 16Gb: x8, x16 NAND Flash Memory Features
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com