Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70444SEHEVAL1Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL70444SEHEVAL1Z
Description  19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70444SEHEVAL1Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL70444SEHEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL70444SEHEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL70444SEH
4
FN8411.1
June 14, 2013
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Voltage (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . 42V or V- - 0.5V to V+ + 0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . 42V or V- - 0.5V to V+ + 0.5V
Max/Min Input Current for Input Voltage >V+ or <V-. . . . . . . . . . . . . . . . . ±20mA
ESD Tolerance
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per CDM-22CI0ID). . . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
14 Ld Flatpack Package (Notes 4, 5). . . . .
35
9
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Single Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . 3V ±10% to 36V ±10%
Split Rail Supply Voltage . . . . . . . . . . . . . . . . . . ±1.5V ±10% to ±18V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. Theta-ja is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See
Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is the center of the package underside.
6. Tested in a heavy ion environment at LET = 86.4MeV
cm2/mg at +125°C (TC) for SEB. Refer to Single Event Effects Test Report for more information.
Electrical Specifications V
S = ±18V, VCM = VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -55°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOS
Offset Voltage
VCM = 0V
-
20
300
µV
VCM = V+ to V-
-
80
400
µV
TCVOS
Offset Voltage Temperature
Coefficient
VCM = V+ - 2V to V- + 2V
-
0.5
-
µV/
°C
ΔVOS
Input Offset Channel-to-Channel
Match
VCM = V+
-77
800
µV
VCM = V-
-117
800
µV
IB
Input Bias Current
VCM = 0V
-
189
370
nA
VCM = V+
-
200
370
nA
VCM = V-
-
262
650
nA
VCM = V+ - 0.5V
-
200
370
nA
VCM = V- + 0.5V
-
257
650
nA
IOS
Input Offset Current
VCM = V+ to V-
-17
0
17
nA
VCMIR
Common Mode Input Voltage Range
V-
-
V+
V
CMRR
Common-Mode Rejection Ratio
VCM = V- to V+
-112
-
dB
VCM = V- to V+
70
--
dB
VCM = V+ - 0.5V to V- + 0.5V
-
111
-
dB
VCM = V+ - 0.5V to V- + 0.5V
80
--
dB
PSRR
Power Supply Rejection Ratio
V- = -18V; V+ = 0.5V to 18V;
V+ = 18V; V- = -0.5V to -18V
-
128
-
dB
88
--
dB
AVOL
Open-Loop Gain
RL = 10kΩ to ground
-
125
-
dB
96
--
dB
VOH
Output Voltage High (VOUT to V+)RL = No Load
-
78
160
mV
RL = 10kΩ
-
118
175
mV
VOL
Output Voltage Low (VOUT to V-)RL = No Load
-
73
160
mV
RL = 10kΩ
-
110
175
mV


Similar Part No. - ISL70444SEHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70444SEHEVAL1Z RENESAS-ISL70444SEHEVAL1Z Datasheet
1Mb / 26P
   19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
More results

Similar Description - ISL70444SEHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
   19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
ISL71444M RENESAS-ISL71444M Datasheet
1Mb / 30P
   19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
logo
STMicroelectronics
RHR61 STMICROELECTRONICS-RHR61 Datasheet
679Kb / 20P
   Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
October 2017
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
logo
Intersil Corporation
ISL70244SEH INTERSIL-ISL70244SEH Datasheet
1Mb / 21P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com