Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT8VDDT3264AG-40BC4 Datasheet(PDF) 11 Page - Micron Technology

Part No. MT8VDDT3264AG-40BC4
Description  256MB, 512MB (x64, SR) 184-Pin DDR SDRAM UDIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT8VDDT3264AG-40BC4 Datasheet(HTML) 11 Page - Micron Technology

Back Button MT8VDDT3264AG-40BC4 Datasheet HTML 7Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 8Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 9Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 10Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 11Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 12Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 13Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 14Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 15Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PDF: 09005aef80867ab3/Source: 09005aef80867a99
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DD8C32_64x64A.fm - Rev. J 8/08 EN
11
©2003 Micron Technology, Inc. All rights reserved.
256MB, 512MB (x64, SR) 184-Pin DDR SDRAM UDIMM
Electrical Specifications
Table 10:
IDD Specifications and Conditions – 256MB (All Other Die Revisions)
Values are shown for the MT46V32M8 DDR SDRAM only and are computed from values specified in the
256Mb (32 Meg x 8) component data sheet
Parameter/Condition
Symbol
-40B
-335
-262
-26A/
-265
Units
Operating one bank active-precharge current: tRC = tRC (MIN);
tCK = tCK (MIN); DQ, DM, and DQS inputs changing once per clock
cycle; Address and control inputs changing once every two clock
cycles
IDD0
1,080
1,000
1,000
960
mA
Operating one bank active-read-precharge current: BL = 4;
tRC = tRC (MIN); tCK = tCK (MIN); IOUT = 0mA; Address and control
inputs changing once per clock cycle
IDD1
1,360
1,360
1,280
1,160
mA
Precharge power-down standby current: All device banks idle;
Power-down mode; tCK = tCK (MIN); CKE = LOW
IDD2P
32
32
32
32
mA
Idle standby current: CS# = HIGH; All device banks idle;
tCK = tCK (MIN); CKE = HIGH; Address and other control inputs
changing once per clock cycle; VIN = VREF for DQ, DM, and DQS
IDD2F
480
400
360
360
mA
Active power-down standby current: One device bank active;
Power-down mode; tCK = tCK (MIN); CKE = LOW
IDD3P
320
240
200
200/
240
mA
Active standby current: CS# = HIGH; CKE = HIGH; One device bank
active; tRC = tRAS (MAX); tCK = tCK (MIN); DQ, DM, and DQS inputs
changing twice per clock cycle; Address and other control inputs
changing once per clock cycle
IDD3N
560
480
400
400
mA
Operating burst read current: BL = 2; Continuous burst reads; One
device bank active; Address and control inputs changing once per
clock cycle; tCK = tCK (MIN); IOUT = 0mA
IDD4R
1,600
1,400
1,200
1,200
mA
Operating burst write current: BL = 2; Continuous burst writes;
One device bank active; Address and control inputs changing once
per clock cycle; tCK = tCK (MIN); DQ, DM, and DQS inputs changing
twice per clock cycle
IDD4W
1,560
1,400
1,200
1,200
mA
Auto refresh current
tREFC = tRC (MIN)
IDD5
2,080
2,040
1,880
1,880/
1,960
mA
tREFC = 7.8125µs
IDD5A
48
48
48
48
mA
Self refresh current: CKE
≤ 0.2V
IDD6
32323232
mA
Operating bank interleave read current: Four device bank
interleaving reads; BL = 4 with auto precharge: tRC = tRC (MIN);
tCK = tCK (MIN); Address and control inputs change only during
active READ or WRITE commands
IDD7
3,760
3,280
2,800
2,800/
2,920
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn